Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSPST08-220J Datasheet(PDF) 1 Page - California Micro Devices Corp

No. de pieza CSPST08-220J
Descripción Electrónicos  CHIP SCALE SERIES TERMINATION ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CALMIRCO [California Micro Devices Corp]
Página de inicio  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPST08-220J Datasheet(HTML) 1 Page - California Micro Devices Corp

  CSPST08-220J Datasheet HTML 1Page - California Micro Devices Corp CSPST08-220J Datasheet HTML 2Page - California Micro Devices Corp CSPST08-220J Datasheet HTML 3Page - California Micro Devices Corp CSPST08-220J Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
11/10/2000
1
CSPST
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Chip Scale Series Termination Array
Features
• 8 or 16 integrated high frequency series
terminations
• Ultra small footprint Chip Scale Package
• Ceramic substrate
• 0.35mm Eutectic Solder Bumps, 0.65mm pitch
Product Description
The CSPST is a high performance Integrated Passive
Device (IPD) which provides series terminations suitable
for use in high speed bus applications. Eight (8) or
sixteen (16) series termination versions are provided.
These resistors provide excellent high frequency
performance in excess of 3GHz and are manufactured to
an absolute tolerance as low as ±1%. The Chip Scale
Applications
• Series resistive bus termination
• Isolated resistor array
C1300700
SCHEMATIC DIAGRAMS
Package provides an ultra small footprint for this IPD
and provides minimal parasitics compared to conven-
tional packaging. Typical bump inductance is less than
25pH. The large solder bumps and ceramic substrate
allow for standard attachment to laminate printed circuit
boards without the use of underfill.
CSPST08
R1
R1
D
C
B
A
12
3
4
R1
R1
R1
R1
R1
R1
R1
R1
D
C
B
A
12
3
4
R1
R1
R1
R1
R1
R1
5
R1
R1
6
R1
R1
7
R1
R1
8
R1
R1
CSPST16
S
E
U
L
A
V
D
R
A
D
N
A
T
S
e
u
l
a
V
r
o
t
s
i
s
e
R2
2
=
1
R
,
Ω 3
3
,
Ω 9
3
,
7
4
,
1
5
,
Ω 6
5
,
R
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
5
±
,
%
1
±
s
r
o
t
s
i
s
e
R
f
o
R
C
Tm
p
p
0
0
1
±
r
o
t
s
i
s
e
R
/
g
n
i
t
a
R
r
e
w
o
PW
m
0
0
1
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
8
o
t
C
°
0
4


Número de pieza similar - CSPST08-220J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Raltron Electronics Cor...
CSP RALTRON-CSP Datasheet
55Kb / 3P
   CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
M-System Co.,Ltd.
CSP MSYSTEM-CSP Datasheet
110Kb / 4P
   Final Control Elements
logo
Mean Well Enterprises C...
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-120 MEANWELL-CSP-3000-120 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-250 MEANWELL-CSP-3000-250 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
More results

Descripción similar - CSPST08-220J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Micro Device...
CSPDDR100 CALMIRCO-CSPDDR100 Datasheet
55Kb / 4P
   CHIP SCALE DDR TERMINATION ARRAY
CSPPT CALMIRCO-CSPPT Datasheet
59Kb / 4P
   CHIP SCALE PARALLEL TERMINATION ARRAY
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
   200w chip scale tvs array
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
RAVF SEI-RAVF Datasheet
392Kb / 6P
   Convex Termination Chip Resistor Array
7/30/2021
logo
List of Unclassifed Man...
RAVF102D ETC2-RAVF102D Datasheet
169Kb / 3P
   Convex Termination Chip Resistor Array
logo
Stackpole Electronics, ...
RACF SEI-RACF Datasheet
352Kb / 4P
   Concave Termination Chip Resistor Array
03/26/2020
logo
Analog Devices
BC-148 AD-BC-148 Datasheet
276Kb / 1P
   148-Lead Chip Scale Package Ball Grid Array
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com