Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSPPT08-101F Datasheet(PDF) 3 Page - California Micro Devices Corp

No. de pieza CSPPT08-101F
Descripción Electrónicos  CHIP SCALE PARALLEL TERMINATION ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CALMIRCO [California Micro Devices Corp]
Página de inicio  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPPT08-101F Datasheet(HTML) 3 Page - California Micro Devices Corp

  CSPPT08-101F Datasheet HTML 1Page - California Micro Devices Corp CSPPT08-101F Datasheet HTML 2Page - California Micro Devices Corp CSPPT08-101F Datasheet HTML 3Page - California Micro Devices Corp CSPPT08-101F Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
11/10/2000
3
CSPPT
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Typical Solder Reflow Thermal Profile (No Clean Flux)
250
225
200
175
150
125
100
75
50
25
0
48
97
145
Time (s)
194
242
290
339
387
435
EXH
RF
Z5
Z4
EXH
PH
Z2
Z3
CD
S
N
O
I
T
A
D
N
E
M
M
O
C
E
R
D
R
A
O
B
T
I
U
C
R
I
C
D
E
T
N
I
R
P
B
C
P
n
o
e
z
i
S
d
a
Pm
m
0
0
3
.
0
e
p
a
h
S
d
a
Pd
n
u
o
R
n
o
i
t
i
n
i
f
e
D
d
a
P
)
D
M
S
N
(
s
d
a
P
d
e
n
i
f
e
D
k
s
a
M
r
e
d
l
o
S
n
o
N
g
n
i
n
e
p
O
k
s
a
M
r
e
d
l
o
Sm
m
0
5
3
.
0
s
s
e
n
k
c
i
h
T
li
c
n
e
t
S
r
e
d
l
o
Sm
m
2
5
1
.
0
g
n
i
n
e
p
O
e
r
u
t
r
e
p
A
li
c
n
e
t
S
r
e
d
l
o
S)
.
q
s
(
m
m
0
6
3
.
0
o
i
t
a
R
x
u
l
F
r
e
d
l
o
S0
5
/
0
5
e
t
s
a
P
r
e
d
l
o
Sn
a
e
l
C
o
N
h
s
i
n
i
F
e
c
a
r
T
d
n
o
B)
A
6
0
1
s
u
l
P
u
C
k
e
t
n
E
(
P
S
O
PART NUMBER KEY
PACKAGE TYPE
APPLICATION
Tolerance
CSP = Chip Scale
Package
Parallel Termination
Number of
Terminations
08 = 8
16 = 16
32 = 32
F = ±1%
J = ±5%
Resistor
Value Code
R1 Value
First 2 digits
are significant
value. 3rd digit
represents number
of zeros
CSP
PT
YY
XXX
T


Número de pieza similar - CSPPT08-101F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Raltron Electronics Cor...
CSP RALTRON-CSP Datasheet
55Kb / 3P
   CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
M-System Co.,Ltd.
CSP MSYSTEM-CSP Datasheet
110Kb / 4P
   Final Control Elements
logo
Mean Well Enterprises C...
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-120 MEANWELL-CSP-3000-120 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-250 MEANWELL-CSP-3000-250 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
More results

Descripción similar - CSPPT08-101F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Micro Device...
CSPDDR100 CALMIRCO-CSPDDR100 Datasheet
55Kb / 4P
   CHIP SCALE DDR TERMINATION ARRAY
CSPST CALMIRCO-CSPST Datasheet
52Kb / 4P
   CHIP SCALE SERIES TERMINATION ARRAY
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
   200w chip scale tvs array
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
RAVF SEI-RAVF Datasheet
392Kb / 6P
   Convex Termination Chip Resistor Array
7/30/2021
logo
List of Unclassifed Man...
RAVF102D ETC2-RAVF102D Datasheet
169Kb / 3P
   Convex Termination Chip Resistor Array
logo
Stackpole Electronics, ...
RACF SEI-RACF Datasheet
352Kb / 4P
   Concave Termination Chip Resistor Array
03/26/2020
logo
Analog Devices
BC-148 AD-BC-148 Datasheet
276Kb / 1P
   148-Lead Chip Scale Package Ball Grid Array
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com