Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

80-M012PNB008SB-K619C41 Datasheet(PDF) 2 Page - Vincotech

No. de pieza 80-M012PNB008SB-K619C41
Descripción Electrónicos  Output Inverter Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VINCOTECH [Vincotech]
Página de inicio  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M012PNB008SB-K619C41 Datasheet(HTML) 2 Page - Vincotech

  80-M012PNB008SB-K619C41 Datasheet HTML 1Page - Vincotech 80-M012PNB008SB-K619C41 Datasheet HTML 2Page - Vincotech 80-M012PNB008SB-K619C41 Datasheet HTML 3Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
80-M012PNB008SB-K619C41
preliminary datasheet
MiniSkiip 0
1200V/8A
Figure 5
Phase
Figure 6
Phase
Typical available 50Hz output current
Typical available 50Hz output current
as a function Mi*cos
φ
Iout = f(Mi*cos φ)
as a function of switching frequency
Iout = f(fsw)
Tj =
150
°C
Tj =
150
°C
DC link =
600
V
DC link =
600
V
fsw =
4kHz
Mi*cos
φ = 0,8
Th from
60 °C to 100 °C in steps of 5 °C
Th from
60 °C to 100 °C in steps of 5 °C
Figure 7
Phase
Figure 8
Phase
Typical available 50Hz output current as a function of
Typical available 0Hz output current as a function
Mi*cos
φ and switching frequency
Iout = f(fsw, Mi*cos φ)
of switching frequency
Ioutpeak = f(fsw)
Tj =
150
°C
Tj =
150
°C
DC link =
600
V
DC link =
600
V
Th =
80
°C
Th from
60 °C to 100 °C in steps of 5 °C
Mi =
0
Output Inverter Application
Th = 60°C
Th = 100°C
0
2
4
6
8
10
12
-1,0
-0,8
-0,6
-0,4
-0,2
0,0
0,2
0,4
0,6
0,8
1,0
Mi*cos φ
Th = 60°C
Th = 100°C
0
2
4
6
8
10
12
1
10
100
fsw (kHz)
1
2
4
8
16
32
64
-1,00
-0,80
-0,60
-0,40
-0,20
0,00
0,20
0,40
0,60
0,80
1,00
Iout (A)
11,0-12,0
10,0-11,0
9,0-10,0
8,0-9,0
7,0-8,0
6,0-7,0
5,0-6,0
4,0-5,0
fsw (kHz)
Th = 60°C
Th = 100°C
0
2
4
6
8
10
12
1
10
100
fsw (kHz)
copyright Vincotech
2
Revision: 1


Número de pieza similar - 80-M012PNB008SB-K619C41

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vincotech
80-M012PNB008SC-K619C41 VINCOTECH-80-M012PNB008SC-K619C41 Datasheet
314Kb / 17P
   Solderless interconnection
More results

Descripción similar - 80-M012PNB008SB-K619C41

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vincotech
V23990-P545-X3X-D3-19 VINCOTECH-V23990-P545-X3X-D3-19 Datasheet
57Kb / 3P
   Output Inverter Application
V23990-P546-X3X-D3-19 VINCOTECH-V23990-P546-X3X-D3-19 Datasheet
58Kb / 3P
   Output Inverter Application
V23990-P585-X2X-D2-19 VINCOTECH-V23990-P585-X2X-D2-19 Datasheet
60Kb / 3P
   Output Inverter Application
V23990-P586-X2X-D2-19 VINCOTECH-V23990-P586-X2X-D2-19 Datasheet
59Kb / 3P
   Output Inverter Application
V23990-P541-X3X-D3-19 VINCOTECH-V23990-P541-X3X-D3-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-K200-A-P1-19 VINCOTECH-V23990-K200-A-P1-19 Datasheet
55Kb / 3P
   Output inverter application
V23990-K420-A40-P1-19 VINCOTECH-V23990-K420-A40-P1-19 Datasheet
76Kb / 3P
   Output Inverter Application
V23990-P630-A40-P1-19 VINCOTECH-V23990-P630-A40-P1-19 Datasheet
74Kb / 3P
   Output Inverter Application
V23990-P768-A-P1-19 VINCOTECH-V23990-P768-A-P1-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-P840-X4X-P1-19 VINCOTECH-V23990-P840-X4X-P1-19 Datasheet
86Kb / 3P
   Output Inverter Application
V23990-P849-X5X-P2-19 VINCOTECH-V23990-P849-X5X-P2-19 Datasheet
63Kb / 4P
   Output Inverter Application
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com