Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMBJ130CA Datasheet(PDF) 3 Page - Bytes |
|
SMBJ130CA Datasheet(HTML) 3 Page - Bytes |
3 / 4 page PART NUMBER REVERSE BREAKDOWN BREAKDOWN TEST MAXIMUM PEAK REVERSE MARKING ADD C FOR BI- STAND-OFF VOLTAGE VOLTAGE CURRENT CLAMPING PULSE LEAKAGE CODE DIRECTIONAL VOLTAGE VBR (V) VBR (V) IT VOLTAGE CURRENT @ VRWM See Note 1 VRWM (V) MIN. @IT MAX. @IT (mA) @Ipp Vc (V) Ipp (A) IR( A) UNI BI µ SMBJ5.0(C) 5.0 6.40 7.55 10 9.6 62.5 800 KD AD SMBJ54(C) 54 60.0 76.00 1 96.3 6.2 5 ND DD SMBJ48(C) 48 53.3 67.50 1 85.5 7.0 5 MW CW SMBJ43(C) 43 47.8 60.50 1 76.7 7.8 5 MS CS SMBJ36(C) 36 40.0 50.70 1 64.3 9.3 5 MN CN SMBJ30(C) 30 33.3 42.20 1 53.5 11.2 5 MH CH SMBJ26(C) 26 28.9 36.60 1 46.6 12.4 5 MD CD SMBJ22(C) 22 24.4 30.90 1 39.4 15.2 5 LW BW SMBJ18(C) 18 20.0 25.30 1 32.2 18.6 5 LS BS SMBJ16(C) 16 17.8 22.60 1 28.8 20.8 5 LN BN SMBJ14(C) 14 15.6 19.80 1 25.8 23.3 5 LH BH SMBJ12(C) 12 13.3 16.90 1 22.0 27.3 5 LD BD SMBJ10(C) 10 11.1 14.10 1 18.8 31.9 5 KW AW SMBJ8.5(C) 8.5 9.44 11.92 1 15.9 37.7 10 KS AS SMBJ7.5(C) 7.5 8.33 10.67 1 14.3 42.0 100 KN AN SMBJ6.5(C) 6.5 7.22 9.14 10 12.3 48.7 500 KH AH SMBJ5.0(C)A 5.0 6.40 7.25 10 9.2 65.2 800 KE AE SMBJ54(C)A 54 60.0 69.00 1 87.1 6.9 5 NE DE SMBJ48(C)A 48 53.3 61.30 1 77.4 7.7 5 MX CX SMBJ43(C)A 43 47.8 54.90 1 69.4 8.6 5 MT CT SMBJ36(C)A 36 40.0 46.00 1 58.1 10.3 5 MP CP SMBJ30(C)A 30 33.3 38.30 1 48.4 12.4 5 MK CK SMBJ26(C)A 26 28.9 33.20 1 42.1 14.2 5 ME CE SMBJ22(C)A 22 24.4 28.00 1 35.5 16.9 5 LX BX SMBJ18(C)A 18 20.0 23.30 1 29.2 20.5 5 LT BT SMBJ16(C)A 16 17.8 20.50 1 26.0 23.1 5 LP BP SMBJ14(C)A 14 15.6 17.90 1 23.2 25.8 5 LK BK SMBJ12(C)A 12 13.3 15.30 1 19.9 30.2 5 LE BE SMBJ10(C)A 10 11.1 12.80 1 17.0 35.3 5 KX AX SMBJ8.5(C)A 8.5 9.44 10.82 1 14.4 41.7 10 KT AT SMBJ5.0(C)A 7.5 8.33 9.58 1 12.9 46.5 100 KP AP SMBJ6.5(C)A 6.5 7.22 8.30 10 11.2 53.6 500 KK AK SMBJ6.0(C)A 6.0 6.67 7.67 10 10.3 58.3 800 KG AD SMBJ58(C)A 58 64.4 74.10 1 93.6 6.4 5 NG DG SMBJ51(C)A 51 56.7 65.20 1 82.4 7.3 5 MZ CZ SMBJ45(C)A 45 50.0 57.50 1 72.7 8.3 5 MV CV SMBJ40(C)A 40 44.4 51.10 1 64.5 9.3 5 MR CR SMBJ33(C)A 33 36.7 42.20 1 53.3 11.3 5 MM CM SMBJ28(C)A 28 31.1 35.80 1 45.4 13.2 5 MG CG SMBJ24(C)A 24 26.7 30.70 1 38.9 15.4 5 LZ BZ SMBJ20(C)A 20 22.2 25.50 1 32.4 18.5 5 LV BV SMBJ17(C)A 17 18.9 21.70 1 27.6 21.7 5 LR BR SMBJ15(C)A 15 16.7 19.20 1 24.4 24.0 5 LM BM SMBJ13(C)A 13 14.4 16.50 1 21.5 27.9 5 LG BG SMBJ11(C)A 11 12.2 14.00 1 18.2 33.0 5 KZ AZ SMBJ9.0(C)A 9.0 10.0 11.50 1 15.4 39.0 5 KV AV SMBJ8.0(C)A 8.0 8.89 10.23 1 13.6 44.1 50 KR AR SMBJ7.0(C)A 7.0 7.78 8.95 10 12.0 50.0 200 KM AM SMBJ6.0(C) 6.0 6.67 8.45 10 11.4 52.6 800 KF AF SMBJ58(C) 58 64.4 81.60 1 103 5.8 5 NF DF SMBJ51(C) 51 56.7 71.80 1 91.1 6.6 5 MY CY SMBJ45(C) 45 50.0 63.30 1 80.3 7.5 5 MU CU SMBJ40(C) 40 44.4 56.30 1 71.4 8.4 5 MQ CQ SMBJ33(C) 33 36.7 46.50 1 59.0 10.2 5 ML CL SMBJ28(C) 28 31.1 39.40 1 50.0 12.0 5 MF CF SMBJ24(C) 24 26.7 33.80 1 43.0 14.0 5 LY BY SMBJ20(C) 20 22.2 28.10 1 35.8 16.7 5 LU BU SMBJ17(C) 17 18.9 23.90 1 30.5 19.7 5 LQ BQ SMBJ15(C) 15 16.7 21.10 1 26.9 22.3 5 LL BL SMBJ13(C) 13 14.4 18.20 1 23.8 25.2 5 LF BF SMBJ11(C) 11 12.2 15.40 1 20.1 29.9 5 KY AY SMBJ9.0(C) 9.0 10.0 12.60 1 16.9 35.5 5 KU AU SMBJ8.0(C) 8.0 8.89 11.30 1 15.0 40.0 50 KQ AQ SMBJ7.0(C) 7.0 7.78 9.86 10 13.3 45.1 200 KL AL 600 Watt Surface Mount TVS |
Número de pieza similar - SMBJ130CA |
|
Descripción similar - SMBJ130CA |