Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L78M06AB Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza L78M06AB
Descripción Electrónicos  Output voltages of 5; 6; 8; 9; 10; 12; 15; 24 V
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M06AB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L78M06AB Datasheet HTML 5Page - STMicroelectronics L78M06AB Datasheet HTML 6Page - STMicroelectronics L78M06AB Datasheet HTML 7Page - STMicroelectronics L78M06AB Datasheet HTML 8Page - STMicroelectronics L78M06AB Datasheet HTML 9Page - STMicroelectronics L78M06AB Datasheet HTML 10Page - STMicroelectronics L78M06AB Datasheet HTML 11Page - STMicroelectronics L78M06AB Datasheet HTML 12Page - STMicroelectronics L78M06AB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
L78MxxAB, L78MxxAC
Electrical characteristics
Doc ID 2147 Rev 13
9/31
Refer to the test circuits, VI = 14 V, IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = -40 to 125
°C (AB), TJ = 0 to 125 °C (AC) unless otherwise specified).
Table 6.
Electrical characteristics of L78M08XX
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
7.84
8
8.16
V
VO
Output voltage
IO = 5 to 350 mA, VI = 10.5 to 23 V
7.7
8
8.3
V
ΔVO
Line regulation
VI = 10.5 to 25 V, IO = 200 mA,
TJ = 25°C
100
mV
VI = 11 to 25 V, IO = 200 mA, TJ = 25°C
30
ΔVO
Load regulation
IO = 5 to 500 mA, TJ = 25°C
160
mV
IO = 5 to 200 mA, TJ = 25°C
80
Id
Quiescent current
TJ = 25°C
6
mA
ΔId
Quiescent current change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA, VI = 10.5 to 25 V
0.8
ΔVO/ΔT Output voltage drift
IO = 5 mA
-0.5
mV/°C
SVR
Supply voltage rejection
VI = 11.5 to 21.5 V, f = 120Hz
IO = 300mA, TJ = 25°C
56
dB
eN
Output noise voltage
B =10Hz to 100kHz, TJ = 25°C
52
µV
Vd
Dropout voltage
TJ = 25°C
2
V
Isc
Short circuit current
TJ = 25°C, VI = 35 V
250
mA
Iscp
Short circuit peak current
TJ = 25°C
700
mA


Número de pieza similar - L78M06AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L78M06AB STMICROELECTRONICS-L78M06AB Datasheet
873Kb / 29P
   Precision 500 mA regulators
L78M06AB STMICROELECTRONICS-L78M06AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M06AB STMICROELECTRONICS-L78M06AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M06AB STMICROELECTRONICS-L78M06AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M06AB STMICROELECTRONICS-L78M06AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
More results

Descripción similar - L78M06AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA78DS05BP TOSHIBA-TA78DS05BP_06 Datasheet
528Kb / 11P
   5 V, 6 V, 8 V, 9 V, 10 V, 12 V, 15 V Low Dropout Voltage Regulator
TA7805F TOSHIBA-TA7805F_07 Datasheet
659Kb / 18P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
TA7805SB TOSHIBA-TA7805SB_07 Datasheet
662Kb / 15P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
logo
XP Power Limited
VCP24US05 XPPOWER-VCP24US05 Datasheet
422Kb / 2P
   Low Cost, Output Voltages from 5 to 24 V, PCB Mount
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Mosel Vitelic, Corp
MSS0307-1 MOSEL-MSS0307-1 Datasheet
384Kb / 39P
   3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
logo
JMK Inc.
AA-1538-14 JMK-AA-1538-14 Datasheet
25Kb / 1P
   Input Voltage = 6 -15 Vdc Output voltage = 13.8 8-15 V input
logo
Analog Devices
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Silicon Laboratories
SI5332 SILABS-SI5332 Datasheet
816Kb / 59P
   Any-Frequency 6/8/12-output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com