Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6637PBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF6637PBF
Descripción Electrónicos  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6637PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6637PBF Datasheet HTML 1Page - International Rectifier IRF6637PBF Datasheet HTML 2Page - International Rectifier IRF6637PBF Datasheet HTML 3Page - International Rectifier IRF6637PBF Datasheet HTML 4Page - International Rectifier IRF6637PBF Datasheet HTML 5Page - International Rectifier IRF6637PBF Datasheet HTML 6Page - International Rectifier IRF6637PBF Datasheet HTML 7Page - International Rectifier IRF6637PBF Datasheet HTML 8Page - International Rectifier IRF6637PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6637PbF
2
www.irf.com
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
26
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.7
7.7
m
–––
8.2
10.8
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.4
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
38
–––
–––
S
Qg
Total Gate Charge
–––
11
17
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.0
–––
nC
Qgd
Gate-to-Drain Charge
–––
4.0
6.0
Qgodr
Gate Charge Overdrive
–––
2.9
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.0
–––
Qoss
Output Charge
–––
9.9
–––
nC
RG
Gate Resistance
–––
1.2
–––
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
15
–––
td(off)
Turn-Off Delay Time
–––
14
–––
ns
tf
Fall Time
–––
3.8
–––
Ciss
Input Capacitance
–––
1330
–––
Coss
Output Capacitance
–––
430
–––
pF
Crss
Reverse Transfer Capacitance
–––
150
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
53
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
110
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
13
20
ns
Qrr
Reverse Recovery Charge
–––
20
30
nC
MOSFET symbol
Clamped Inductive Load
VDS = 15V, ID = 11A
Conditions
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 14A
i
VGS = 4.5V, ID = 11A
i
VDS = VGS, ID = 250µA
TJ = 25°C, IF = 11A
VGS = 4.5V
ID = 11A
VGS = 0V
VDS = 15V
ID = 11A
VDD = 16V, VGS = 4.5V
i
di/dt = 500A/µs
i
TJ = 25°C, IS = 11A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.


Número de pieza similar - IRF6637PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6637PBF IRF-IRF6637PBF Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com