Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7749L2TR1PBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF7749L2TR1PBF
Descripción Electrónicos  DirectFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7749L2TR1PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7749L2TR1PBF Datasheet HTML 1Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 2Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 3Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 4Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 5Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 6Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 7Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 8Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF7749L2TR/TR1PbF
2
www.irf.com
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.03
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.1
1.50
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
2.9
4.0
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-10
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
280
–––
–––
S
Qg
Total Gate Charge
–––
200
300
Qgs1
Pre-Vth Gate-to-Source Charge
–––
36
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
12
–––
nC
Qgd
Gate-to-Drain Charge
–––
71
110
Qgodr
Gate Charge Overdrive
–––
100
–––
See Fig. 9
Qsw
Switch Charge (Qgs2 + Qgd)
–––
83
–––
Qoss
Output Charge
–––
67
–––
nC
RG
Gate Resistance
–––
1.1
–––
Ω
td(on)
Turn-On Delay Time
–––
17
–––
tr
Rise Time
–––
43
–––
td(off)
Turn-Off Delay Time
–––
78
–––
ns
tf
Fall Time
–––
39
–––
Ciss
Input Capacitance
–––
12320
–––
Coss
Output Capacitance
–––
1810
–––
pF
Crss
Reverse Transfer Capacitance
–––
850
–––
Coss
Output Capacitance
–––
8060
–––
Coss
Output Capacitance
–––
1310
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
200
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
800
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
45
68
ns
Qrr
Reverse Recovery Charge
–––
78
120
nC
MOSFET symbol
RG=1.8Ω
VDS = 25V
Conditions
VGS = 0V, VDS = 120V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz
VDS = 16V, VGS = 0V
VDD = 30V, VGS = 10V
i
VGS = 0V
ƒ = 1.0MHz
ID = 120A
VDS = VGS, ID = 250μA
VDS = 60V, VGS = 0V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 2mA
VGS = 10V, ID = 120A
i
TJ = 25°C, IF = 120A, VDD = 30V
di/dt = 100A/μs
i
TJ = 25°C, IS = 120A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.
ID = 120A
VDS = 48V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 10V, ID = 120A
VDS = 30V


Número de pieza similar - IRF7749L2TR1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7749L2TR1PBF IRF-IRF7749L2TR1PBF Datasheet
319Kb / 11P
   RoHS Compliant, Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com