Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD2100 Datasheet(PDF) 1 Page - Calogic, LLC

No. de pieza SD2100
Descripción Electrónicos  N-Channel Depletion Mode Lateral DMOS FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CALOGIC [Calogic, LLC]
Página de inicio  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD2100 Datasheet(HTML) 1 Page - Calogic, LLC

  SD2100 Datasheet HTML 1Page - Calogic, LLC SD2100 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N-Channel Depletion Mode
Lateral DMOS FET
SD2100 / SST2100
FEATURES
•• Fast Switching. . . . . . . . . . . . . . . . . . . . . . . . . tON 1.0ns
•• Low Capacitance. . . . . . . . . . . . . . . . . . . . . . . . . crss 2pf
•• Low RON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50Ω
APPLICATIONS
•• Analog Switches
•• Amplifiers
DESCRIPTION
The SD2100/SST2100 is a depletion mode DMOS lateral FET
that provides ultra high speed switching with very low
capacitance. The product is available in TO-72 and surface
mount SOT-143.
ORDERING INFORMATION
Part
Package
Temperature Range
SD2100
TO-72
-55
oC to +125oC
SST2100
SOT-143
-55
oC to +125oC
XSD2100
Sorted Chips in Carriers -55
oC to +125oC
CORPORATION
CONNECTION DIAGRAMS
2
3
BOTTOM VIEW
SOURCE
DRAIN
GATE
SUBSTRATE
1
2
3
4
1
4
3
2
4
1
TO-72
1
2
3
4
GATE
(3)
DRAIN
(2)
BODY
(4)
SOURCE
(1)
SOURCE
DRAIN
GATE
BODY
AND CASE
BODY IS INTERNALLY
CONNECTED TO THE CASE
(TOP VIEW)
1
3
4
2
CD1-2
PART MARKING (SOT-231)
SST2100
D10


Número de pieza similar - SD2100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Calogic, LLC
SD210 CALOGIC-SD210 Datasheet
29Kb / 2P
   High-Speed Analog N-Channel DMOS FETs
logo
New Jersey Semi-Conduct...
SD210 NJSEMI-SD210 Datasheet
149Kb / 2P
   High-Speed Analog N-Channel DMOS FETs
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
   HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SD210DE LINEAR-SD210DE Datasheet
476Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
SD210DE LINEAR-SD210DE Datasheet
163Kb / 2P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
More results

Descripción similar - SD2100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Supertex, Inc
LND250 SUTEX-LND250_14 Datasheet
436Kb / 3P
   N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150 SUTEX-LND150_14 Datasheet
602Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150N3-G SUTEX-LND150N3-G Datasheet
655Kb / 8P
   N-Channel Depletion-Mode DMOS FET
LND150K1-G SUTEX-LND150K1-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
DN2470 SUTEX-DN2470_07 Datasheet
416Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Clare, Inc.
CPC3703 CLARE-CPC3703_12 Datasheet
112Kb / 5P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Supertex, Inc
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com