Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-4701 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-4701
Descripción Electrónicos  Very Low Power Consumption High Gain Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4701 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4701 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
NC
ANODE
CATHODE
NC
VCC
VB
VO
GND
HCPL-4701/070A
VO2
VO1
VCC
GND
ANODE 1
CATHODE 1
CATHODE 2
ANODE 2
7
5
6
8
2
3
4
1
TRUTH TABLE
LED
ON
OFF
VO
LOW
HIGH
7
5
6
8
2
3
4
1
HCPL-4731/073A
Features
• Ultra low input current capability - 40
µA
• Specified for 3 V operation
Typical power consumption: <1 mW
Input power: <50
µW
Output power: <500
µW
•Will operate with VCC as low as 1.6 V
• High current transfer ratio: 3500% at IF = 40 µA
• TTL and CMOS compatible output
• Specified ac and dc performance over temperature:
0
°C to 70°C
• Safety approval:
UL recognized – 3750 V rms for 1 minute and
5000 V rms* for 1 minute per UL1577
CSA approved
IEC/EN/DIN EN 60747-5-2 approved with
VIORM = 630 V peak
(Option 060) for HCPL-4701
• 8-pin product compatible with 6N138/6N139 and
HCPL-2730/HCPL-2731
• Available in 8-Pin DIP and SOIC-8 footprint
• Through hole and surface mount assembly available
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Functional Diagram
*5000 V rms/1 Minute rating is for Option 020 (HCPL-4701 and HCPL-4731) products only.
A 0.1
µF bypass capacitor connected between pins 8 and 5 is recommended.
Applications
• Battery operated applications
• ISDN telephone interface
• Ground isolation between logic families – TTL, LSTTL,
CMOS, HCMOS, HL-CMOS, LV-HCMOS
• Low input current line receiver
• EIA RS-232C line receiver
• Telephone ring detector
• AC line voltage status indicator – low input power
dissipation
• Low power systems – ground isolation
• Portable system I/O interface
HCPL-4701/-4731/-070A/-073A
Very Low Power Consumption High Gain Optocouplers
Data Sheet


Número de pieza similar - HCPL-4701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-4701 HP-HCPL-4701 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
HCPL-4701 HP-HCPL-4701 Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4701 AVAGO-HCPL-4701 Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701 AVAGO-HCPL-4701 Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-4701 BOARDCOM-HCPL-4701 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Descripción similar - HCPL-4701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com