Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS75-6S Datasheet(PDF) 1 Page - MTU Onsite Energy Corporation

No. de pieza GS75-6S
Descripción Electrónicos  GAS GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MTU [MTU Onsite Energy Corporation]
Página de inicio  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

GS75-6S Datasheet(HTML) 1 Page - MTU Onsite Energy Corporation

  GS75-6S Datasheet HTML 1Page - MTU Onsite Energy Corporation GS75-6S Datasheet HTML 2Page - MTU Onsite Energy Corporation GS75-6S Datasheet HTML 3Page - MTU Onsite Energy Corporation GS75-6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAS GENERATOR SET
GS75-6S
75 kWe /60 Hz /Standby
208 - 600V
SYSTEM RATINGS
Voltage (L-L)
240V**
240V**
208V**
240V**
480V**
600V**
Phase
1
1
3
3
3
3
PF
1
1
0.8
0.8
0.8
0.8
Hz
60
60
60
60
60
60
Natural Gas
Ratings: Amps
292
292
243
210
105
84
Natural Gas
Ratings: kW/kVA
70/70
70/70
70/87.5
70/87.5
70/87.5
70/87.5
LP Gas
Ratings: Amps
313
313
260
226
113
90
LP Gas
Ratings: kW/kVA
75/75
75/75
75/93.75
75/93.75
75/93.75
75/93.75
skVA@30%
Voltage Dip
311
107
216
216
288
235
Generator Model
363CSL1617
431CSL6202
362CSL1604
362CSL1604
362CSL1604
362PSL1635
Temp Rise
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
Connection
4 LEAD
12 LEAD ZIG-ZAG
12 LEAD LOW WYE
12 LEAD HI DELTA
12 LEAD HI WYE
4 LEAD WYE
** UL 2200 Offered
Note: This unit is available with a dual fuel configuration.
// 
Generator set is designed and manufactured
in facilities certified to standards ISO 9001:2008 and
ISO 14001:2004
// 
UL 2200 / CSA – Optional
– UL 2200 Listed
– CSA Certified
// 
Performance Assurance Certification (PAC)
- Generator Set Tested to ISO 8528-5 for
Transient Response
- Verified product design, quality and performance integrity
- All engine systems are prototype and factory tested
// 
Power Rating
- Accepts Rated Load in One Step Per NFPA 110
CERTIFICATIONS AND STANDARDS
Standby (NG)
GS75N6SDN
GS75N6SGN
GS75N6SPN
GS75N6SJN
GS75N6SRN
GS75N6SNN
Standby (LP)
GS75L6SDN
GS75L6SGN
GS75L6SPN
GS75L6SJN
GS75L6SRN
GS75L6SNN


Número de pieza similar - GS75-6S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ice Components, Ins.
GS75-680 ICE-GS75-680 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
GS75-680 ICE-GS75-680 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
More results

Descripción similar - GS75-6S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MTU Onsite Energy Corpo...
GS350-6S MTU-GS350-6S Datasheet
496Kb / 4P
   GAS GENERATOR SET
GS400-6S MTU-GS400-6S Datasheet
512Kb / 4P
   GAS GENERATOR SET
MTU4R0113DS125 MTU-MTU4R0113DS125 Datasheet
439Kb / 4P
   GAS GENERATOR SET
MTU6R0185GS200 MTU-MTU6R0185GS200 Datasheet
381Kb / 4P
   GAS GENERATOR SET
MTU6V0072GS40 MTU-MTU6V0072GS40 Datasheet
459Kb / 4P
   GAS GENERATOR SET
MTU12V0183GS400 MTU-MTU12V0183GS400 Datasheet
495Kb / 4P
   GAS GENERATOR SET
40-GC6NLT1 MTU-40-GC6NLT1_14 Datasheet
466Kb / 4P
   GAS GENERATOR SET
MTU4R0075GS30 MTU-MTU4R0075GS30 Datasheet
271Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
60-GC6NLT1-STANDBY MTU-60-GC6NLT1-STANDBY Datasheet
440Kb / 4P
   GAS GENERATOR SET
30-GC6NLT1 MTU-30-GC6NLT1_14 Datasheet
271Kb / 4P
   GAS GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com