Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD01A05R Datasheet(PDF) 1 Page - MPS Industries, Inc.

No. de pieza SD01A05R
Descripción Electrónicos  SD01XXXR SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPSIND [MPS Industries, Inc.]
Página de inicio  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SD01A05R Datasheet(HTML) 1 Page - MPS Industries, Inc.

  SD01A05R Datasheet HTML 1Page - MPS Industries, Inc. SD01A05R Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD01XXXR SERIES
VDC
VDC
% Typ.
% Max.
SD01A05R
5
63
0.8
SD01A09R
9
68
0.8
SD01A12R
12
69
0.8
SD01A15R
15
71
0.8
SD01C05R
5
71
0.8
SD01C09R
9
76
0.8
SD01C12R
12
78
0.8
SD01C15R
15
79
0.8
SD01D05R
5
71
0.8
SD01D09R
9
78
0.8
• 1000VDC Isolation
SD01D12R
12
79
0.8
• MTBF > 1,000,000 Hours
SD01D15R
15
81
0.8
• Output 5, 9, 12, and 15DC
SD01J05R
5
70
0.8
• Temperature Performance
SD01J09R
9
77
0.8
-40°C to +85°C
SD01J12R
12
79
0.8
• UL 94V-0 Package Material
SD01J15R
15
80
0.8
• Low Ripple and Noise
• Internal SMD Construction
• Industry Standard Pin-out
• Continuous Short Ckt Protection
Pin
1
2
3
5
6
7
8
Non-Conductive Black Plastic
Tolerance
Millimeters
Inches
X.X±0.25
X.XX±0.01
X.XX±0.13
X.XXX±0.005
Pin
±0.05
±0.002
2463 208th Street, Ste. 205
http://www.mpsind.com
Torrance, CA 90501
E-mail: sales@mpsind.com
167
83
Single Output
-Vin
mA
200
200
111
111
83
167
83
200
111
Key Features
• 2:1 Wide Input Voltage Range
• Efficiency up to 80%
Selection Guide
Model
Number
Input
Voltage
Output
Voltage
Efficiency
Load
Regulation
Output
Current
167
83
200
111
Tel: (310) 533-1455
Fax: (310) 533-1853
Weight –
1W, Wide Input Range SIP, Single Output DC/DC Converters
Case Size –
21.8x9.2x11.1mm (0.86x0.36x0.44inch)
Case Material –
167
MPS Industries SD01XXXR 1W
DC/DC's are specially designed
to provide ultra-high levels of
isolation 1000VDC in a miniature
SIP package.
The series consists of 16 models
with input voltages ranges of 5-9VDC,
9-18VDC, 18-36VDC and 36-75VDC
which offers standard output voltages
of 5V, 9V, 12V, 15VDC in single output
configurations.
The SD01XXXR series is an excellent
selection for a variety of applications
including data communication
equipments, mobile battery driven
equipments, distributed power
systems, mixed analog/digital
subsystems, process/machine control
equipments, computer peripheral
systems and industrial robot systems.
4.8g (0.17Oz)
Pin Connections
Mechanical Dimensions
+Vin
Remote on/Off
No Connection
+Vout
-Vout
CS Optional External Capacitor
5
(5.0 - 9.0)
12
(9.0 - 18.0)
48
(36.0 - 72.0)
24
(18.0 - 36.0)


Número de pieza similar - SD01A05R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
SD01-353 CONNOR-WINFIELD-SD01-353 Datasheet
43Kb / 1P
   16 PIN DIP SINEWAVE
logo
TDK Electronics
SD01005SL-GP101 TDK-SD01005SL-GP101 Datasheet
254Kb / 11P
   WL-CSP01005 Slim-line, General purpose type
2021-02-02 Version: 2
SD01005SL-ULC101 TDK-SD01005SL-ULC101 Datasheet
563Kb / 12P
   WL-CSP01005 Slim-line, ULC type
2021-04-07 Version: 1
SD01005SL-ULC102 TDK-SD01005SL-ULC102 Datasheet
665Kb / 14P
   Ultra-low clamping and capacitance (ULC) type
2022-07-14 Version: 1
logo
SEMTECH ELECTRONICS LTD...
SD0103WS SEMTECH_ELEC-SD0103WS Datasheet
173Kb / 3P
   SILICON SCHOTTKY BARRIER DIODE
More results

Descripción similar - SD01A05R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com