Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7942 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD7942
Descripción Electrónicos  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7942 Datasheet HTML 2Page - Analog Devices AD7942 Datasheet HTML 3Page - Analog Devices AD7942 Datasheet HTML 4Page - Analog Devices AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices AD7942 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 5 of 28
TIMING SPECIFICATIONS
−40°C to +125°C, VDD = 2.37 V to 2.63 V, VIO = 2.3 V to 5.5 V, unless otherwise stated. See Figure 2 and Figure 3 for load conditions.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time (CNVx Rising Edge to Data Available)
tCONV
500
710
ns
Acquisition Time
tACQ
290
ns
Time Between Conversions
tCYC
VIOx Above 2.3 V
1000
ns
CNVx Pulse Width (CS Mode)
tCNVH
10
ns
SCKx Period (CS Mode)
tSCK
VIOx Above 4.5 V
10.5
ns
VIOx Above 3 V
12
ns
VIOx Above 2.7 V
13
ns
VIOx Above 2.3 V
15
ns
SCKx Period (Chain mode)
tSCK
VIOx Above 4.5 V
11.5
ns
VIOx Above 3 V
13
ns
VIOx Above 2.7 V
14
ns
VIOx Above 2.3 V
16
ns
SCKx Low Time
tSCKL
4.5
ns
SCKx High Time
tSCKH
4.5
ns
SCKx Falling Edge to Data Remains Valid
tHSDO
3
ns
SCKx Falling Edge to Data Valid Delay
tDSDO
VIOx Above 4.5 V
9.5
ns
VIOx Above 3 V
11
ns
VIOx Above 2.7 V
12
ns
VIOx Above 2.3 V
14
ns
CNVx or SDIx Low to SDOx, D15 (MSB) Valid (CS Mode)
tEN
VIOx Above 3 V
10
ns
VIOx Above 2.3 V
15
ns
CNVx or SDIx High or Last SCKx Falling Edge to SDOx High Impedance (CS Mode)
tDIS
20
ns
SDIx Valid Setup Time from CNVx Rising Edge (CS Mode)
tSSDICNV
5
ns
SDIx Valid Hold Time from CNVx Rising Edge (CS Mode)
tHSDICNV
2
ns
SCKx Valid Setup Time from CNVx Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCKx Valid Hold Time from CNVx Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDIx Valid Setup Time from SCKx Falling Edge (Chain Mode)
tSSDISCK
2
ns
SDIx Valid Hold Time from SCKx Falling Edge (Chain Mode)
tHSDISCK
3
ns
SDIx High to SDOx High (Chain Mode with Busy Indicator)
tDSDOSDI
15
ns
Figure 2. Load Circuit for Digital Interface Timing
Figure 3. Voltage Levels for Timing
500µA
IOL
500µA
IOH
1.4V
TO SDOx
CL
20pF
X% VIOx1
Y% VIOx1
VIH2
VIL2
VIL2
VIH2
tDELAY
tDELAY
1
FOR VIOx ≤ 3.0V, X = 90 AND Y = 10; FOR VIOx > 3.0V, X = 70 AND Y = 30.
2 MINIMUM VIH AND MAXIMUM VIL USED. SEE SPECIFICATIONS FOR DIGITAL
INPUTS PARAMETER IN TABLE 3.


Número de pieza similar - AD7942

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7942 AD-AD7942 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7942 AD-AD7942 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7942 AD-AD7942 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7942 AD-AD7942 Datasheet
555Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
AD7942 AD-AD7942 Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
More results

Descripción similar - AD7942

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7903 AD-AD7903 Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
AD7902 AD-AD7902_17 Datasheet
681Kb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
List of Unclassifed Man...
AD7902BRQZ ETC2-AD7902BRQZ Datasheet
1Mb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com