Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN23SV04TMPX Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN23SV04TMPX
Descripción Electrónicos  FAN23SV04T TinyBuck 4 A Integrated Synchronous Buck Regulator for DDR Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN23SV04TMPX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN23SV04TMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
October 2013
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN23SV04T • Rev. 1.0.1
FAN23SV04T
TinyBuck™ 4 A Integrated Synchronous Buck
Regulator for DDR Termination
Features
V
IN Range: 7 V to 15 V Using Internal Linear
Regulator for Bias
V
IN Range: 4.5 V to 5.5 V with VIN/PVIN/PVCC
Connected to Bypass Internal Regulator
High Efficiency
Continuous Output Current: 4 A
MOSFETs R
DS,ON (Typical): HS: 9.67 m
Ω,
LS: 5.46 m
Ω
Internal Linear Bias Regulator
Internal V
DDQ Resistor Divider
Excellent Line and Load Transient Response
Output Voltage Range: 0.5 to 1.5 V
Programmable Frequency: 200 kHz to 1.5 MHz
Programmable Soft-Start
Low Shutdown Current
Adjustable Sourcing Current Limit
Internal Boot Diode
Thermal Shutdown
Halogen and Lead Free, RoHS Compliant
Applications
Bus Termination
Servers and Desktop Computers
NVDC Notebooks, Netbooks
Game Consoles
Description
The FAN23SV04T is a highly efficient, integrated
TinyBuck™ synchronous buck regulator for use in
tracking applications, such as DDR termination rails.
The VDDQ input includes an internal 2:1 resistive
voltage
divider
to
reduce
total
circuit
size
and
component count. The regulator operates with an input
range from 7 V to 15 V and supports up to 4 A load
currents. The device can operate from a 5 V rail
(±10%) if VIN, PVIN, and PVCC are connected together to
bypass the internal linear regulator.
This device utilizes Fairchild’s constant on-time control
architecture to provide excellent transient response and
to maintain a relatively constant switching frequency.
Switching
frequency
and
sourcing
over-current
protection can be programmed to provide a flexible
solution for various applications.
Output over-current, and thermal shutdown protections
help
prevent
damage
during
fault
conditions.
A
hysteresis feature restarts the device when normal
operating temperature is reached.
Ordering Information
Part Number
Configuration
Operating
Temperature Range
Output
Current
Package
FAN23SV04TMPX
PWM Mode with
VDDQ Tracking Input
-40 to 85°C
4 A
34-Lead, PQFN, 5.5 mm x 5.0 mm
Please address requests and support questions to tinybucksupport@fairchildsemi.com.


Número de pieza similar - FAN23SV04TMPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
   4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
More results

Descripción similar - FAN23SV04TMPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
   4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361 Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com