Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCD900N60ZCT-ND Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FCD900N60ZCT-ND
Descripción Electrónicos  FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD900N60ZCT-ND Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FCD900N60ZCT-ND Datasheet HTML 1Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 2Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 3Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 4Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 5Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 6Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 7Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 8Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2012 Fairchild Semiconductor Corporation
FCD900N60Z Rev. C3
www.fairchildsemi.com
5
Typical Performance Characteristics (Continued)
Figure 12. Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
0.1
1
3
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 2.4
oC/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
t1
PDM
t2
t1, Rectangular Pulse Duration [sec]


Número de pieza similar - FCD900N60ZCT-ND

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FCD900N60Z ISC-FCD900N60Z Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FCD900N60ZCT-ND

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCH041N60F-ND FAIRCHILD-FCH041N60F-ND Datasheet
600Kb / 9P
   FCH041N60F N-Channel SuperFET II FRFET MOSFET 600 V, 76 A, 41 m廓
FCPF190N60_F152-ND FAIRCHILD-FCPF190N60_F152-ND Datasheet
655Kb / 10P
   FCP190N60 / FCPF190N60 N-Channel SuperFET II MOSFET 600 V, 20.2 A, 199 m廓
FCH072N60F-ND FAIRCHILD-FCH072N60F-ND Datasheet
597Kb / 9P
   FCH072N60F N-Channel SuperFET II FRFET MOSFET 600 V, 52 A, 72 m廓
FCPF380N60_F152-ND FAIRCHILD-FCPF380N60_F152-ND Datasheet
653Kb / 10P
   FCP380N60 / FCPF380N60 N-Channel SuperFET II MOSFET 600 V, 10.2 A, 380 m廓
logo
ON Semiconductor
FCPF380N60E-F154 ONSEMI-FCPF380N60E-F154 Datasheet
263Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF190N60-F154 ONSEMI-FCPF190N60-F154 Datasheet
160Kb / 9P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.2 A, 199 m
August, 2021 - Rev. 1
FCPF380N60-F154 ONSEMI-FCPF380N60-F154 Datasheet
253Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF260N60E-F154 ONSEMI-FCPF260N60E-F154 Datasheet
268Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 15 A, 260 m
December, 2020 - Rev. 0
FCPF190N60E-F154 ONSEMI-FCPF190N60E-F154 Datasheet
254Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.6 A, 190 m
December, 2020 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com