Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD5N50NZTM Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDD5N50NZTM
Descripción Electrónicos  DESIGN/PROCESS CHANGE NOTIFICATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50NZTM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD5N50NZTM Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 8Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PCN# : P315A
Issue Date : Feb. 04, 2013
DESIGN/PROCESS CHANGE NOTIFICATION
This is to inform you that a change is being made to the products listed below.
Unless otherwise indicated in the details of this notification, the identified change will have no impact on product
quality, reliability, electrical, visual or mechanical performance and affected products will remain fully compliant to all
published specifications. Products incorporating this change may be shipped interchangeably with existing unchanged
products.
This change is planned to take effect in 90 calendar days from the date of this notification. Please work with your local
Fairchild Sales Representative to manage your inventory of unchanged product if your evaluation of this change will
require more than 90 calendar days.
Please contact your local Customer Quality Engineer within 30 days of receipt of this notification if you require any
additional data or samples. Alternatively, you may send an email request for data, samples or other information to
PCNSupport@fairchildsemi.com.
Implementation of change:
Expected First Shipment Date for Changed Product : May. 05, 2013
Expected First Date Code of Changed Product :1327
Description of Change (From) :
5/6-in wafer fabrication line at Fairchild Semiconductor Bucheon Korea.
Description of Change (To) :
8-in wafer fabrication line at Fairchild Semiconductor Bucheon Korea.
Reason for Change:
Fairchild Semiconductor is increasing wafer fabrication capacity by qualifying an 8-in wafer fabrication line at Fairchild
Semiconductor Bucheon Korea. Quality and reliability remain at the highest standards already demonstrated within
Fairchild's existing products. The reliability qualification results used to qualify the 8-in wafer fabrication line are
summarized below. The specific groups of products/MOSFET technologies are listed in the affected FSIDs list. Design,
die size and layout of the affected products will remain unchanged. There are no changes in the datasheet or electrical
performance.
1 of 14


Número de pieza similar - FDD5N50NZTM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD5N50NZTM FAIRCHILD-FDD5N50NZTM Datasheet
519Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.5?
More results

Descripción similar - FDD5N50NZTM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
PCN-20180087 LITEON-PCN-20180087 Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
logo
STMicroelectronics
145 STMICROELECTRONICS-145 Datasheet
432Kb / 12P
   PRODUCT/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
SMQA2000T1G ONSEMI-SMQA2000T1G Datasheet
104Kb / 15P
   FINAL PRODUCT/PROCESS CHANGE NOTIFICATION
Rev.14 Jun 2007
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com