Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLHM630TRPBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRLHM630TRPBF
Descripción Electrónicos  Battery Operated DC Motor Inverter MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLHM630TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRLHM630TRPBF Datasheet HTML 1Page - International Rectifier IRLHM630TRPBF Datasheet HTML 2Page - International Rectifier IRLHM630TRPBF Datasheet HTML 3Page - International Rectifier IRLHM630TRPBF Datasheet HTML 4Page - International Rectifier IRLHM630TRPBF Datasheet HTML 5Page - International Rectifier IRLHM630TRPBF Datasheet HTML 6Page - International Rectifier IRLHM630TRPBF Datasheet HTML 7Page - International Rectifier IRLHM630TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLHM630PbF
2
www.irf.com
D
S
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
2.1
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.8
3.5
–––
3.5
4.5
VGS(th)
Gate Threshold Voltage
0.5
0.8
1.1
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-3.8
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
140
–––
–––
S
Qg
Total Gate Charge
–––
41
62
VDS = 14V
Qgs
Gate-to-Source Charge
–––
4.6
–––
Qgd
Gate-to-Drain Charge
–––
14
–––
RG
Gate Resistance
–––
2.6
–––
Ω
td(on)
Turn-On Delay Time
–––
9.1
–––
tr
Rise Time
–––
32
–––
td(off)
Turn-Off Delay Time
–––
65
–––
tf
Fall Time
–––
43
–––
Ciss
Input Capacitance
–––
3170
–––
Coss
Output Capacitance
–––
330
–––
Crss
Reverse Transfer Capacitance
–––
250
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
20
30
ns
Qrr
Reverse Recovery Charge
–––
30
45
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
VDS = VGS, ID = 50μA
VGS = 2.5V, ID = 20A
e
Typ.
m
Ω
VDD = 15V, VGS = 4.5V
–––
RG=1.0
Ω
VDS = 10V, ID = 20A
VDS = 24V, VGS = 0V, TJ = 125°C
μA
ID = 20A (See Fig.17 & 18)
ID = 20A
VGS = 0V
VDS = 25V
VDS = 24V, VGS = 0V
TJ = 25°C, IF = 20A, VDD = 10V
di/dt = 400A/μs
TJ = 25°C, IS = 20A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
See Fig.15
Max.
80
20
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 20A
e
–––
–––
160
–––
–––
40
MOSFET symbol
nA
ns
A
pF
nC
VGS = 4.5V
–––
VGS = 12V
VGS = -12V
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
f
–––
3.4
RθJC (Top)
Junction-to-Case
f
–––
37
°C/W
RθJA
Junction-to-Ambient
g
–––
46
RθJA (<10s)
Junction-to-Ambient
g
–––
31


Número de pieza similar - IRLHM630TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLHM630 IRF-IRLHM630 Datasheet
268Kb / 2P
   Small PowIR MOSFETs
IRLHM630PBF IRF-IRLHM630PBF Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results

Descripción similar - IRLHM630TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRFHM830PBF IRF-IRFHM830PBF Datasheet
234Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
   Battery operated DC motor inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com