Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLMS1902PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRLMS1902PBF
Descripción Electrónicos  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLMS1902PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLMS1902PBF Datasheet HTML 1Page - International Rectifier IRLMS1902PBF Datasheet HTML 2Page - International Rectifier IRLMS1902PBF Datasheet HTML 3Page - International Rectifier IRLMS1902PBF Datasheet HTML 4Page - International Rectifier IRLMS1902PBF Datasheet HTML 5Page - International Rectifier IRLMS1902PBF Datasheet HTML 6Page - International Rectifier IRLMS1902PBF Datasheet HTML 7Page - International Rectifier IRLMS1902PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRLMS1902PbF
VDSS = 20V
RDS(on) = 0.10Ω
HEXFET® Power MOSFET
Fifth Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per
silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET® power MOSFETs are well known for,
provides the designer with an extremely efficient and
reliable device for use in a wide variety of applications.
The Micro6
™ package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on)
60% less than a similar size SOT-23. This package is
ideal for applications where printed circuit board space
is at a premium. It's unique thermal design and RDS(on)
reduction enables a current-handling increase of nearly
300% compared to the SOT-23.
Description
1/18/05
l
Generation V Technology
l
Micro6 Package Style
l
Ultra Low
RDS(on)
l
N-Channel MOSFET
l
Lead-Free
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
3.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
2.6
A
IDM
Pulsed Drain Current 
18
PD @TA = 25°C
PowerDissipation
1.7
W
Linear Derating Factor
13
mW/°C
VGS
Gate-to-SourceVoltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Min.
Typ.
Max
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
75
°C/W
Thermal Resistance Ratings
www.irf.com
1
Micro6
PD - 95359
Top View
1
2
D
G
A
D
D
D
S
3
4
5
6


Número de pieza similar - IRLMS1902PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLMS1902PBF IRF-IRLMS1902PBF Datasheet
197Kb / 8P
   GENERATION V TECHNOLOGY
IRLMS1902PBF IRF-IRLMS1902PBF_15 Datasheet
197Kb / 8P
   GENERATION V TECHNOLOGY
More results

Descripción similar - IRLMS1902PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com