Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1522T Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TEA1522T
Descripción Electrónicos  SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1522T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1522T Datasheet HTML 6Page - NXP Semiconductors TEA1522T Datasheet HTML 7Page - NXP Semiconductors TEA1522T Datasheet HTML 8Page - NXP Semiconductors TEA1522T Datasheet HTML 9Page - NXP Semiconductors TEA1522T Datasheet HTML 10Page - NXP Semiconductors TEA1522T Datasheet HTML 11Page - NXP Semiconductors TEA1522T Datasheet HTML 12Page - NXP Semiconductors TEA1522T Datasheet HTML 13Page - NXP Semiconductors TEA1522T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TEA152X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 14 September 2010
10 of 20
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
10. Thermal characteristics
[1]
Thermal resistance Rth(j-a) can be lower when the GND pins are connected to sufficient copper area on the
printed-circuit board. See the TEA152x application note for details.
11. Characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient in free air
[1]
DIP8 package
100
K/W
SO14 package
91
K/W
Table 6.
Characteristics
Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
ICC(oper)
operating supply current
normal operation
-
1.3
1.9
mA
ICC(startup)
start-up supply current
start-up
-
180
400
μA
ICC(ch)
charge supply current
Vdrain >60V
−6
−4
−3mA
VCC(startup)
start-up supply voltage
9
9.5
10
V
VCC(stop)
stop supply voltage
undervoltage lockout
7.0
7.5
8.0
V
Idrain
current on pin DRAIN
Vdrain >60V
no auxiliary supply
-
1.5
2
mA
with auxiliary
supply
-
30
125
μA
Pulse-width modulator
δ
min
minimum duty factor
-
0
-
%
δ
max
maximum duty cycle
f = 100 kHz
-
75
-
%
SOPS
Vdet(demag)
demagnetization detection
voltage
50
100
150
mV
tsup(xfmr_ring)
transformer ringing
suppression time
start of 2nd stroke
1.0
1.5
2.0
μs
RC oscillator
VRC(min)
minimum voltage on pin RC
60
75
90
mV
VRC(max)
maximum voltage on pin RC
2.4
2.5
2.6
V
tch(RC)
charge time on pin RC
-
1
-
μs
fosc
oscillator frequency
10
100
200
kHz
Duty factor regulator: pin REG
VREG
voltage on pin REG
2.4
2.5
2.6
V
Gv
voltage gain
error amplifier
-
20
-
dB
Vclamp(REG)
clamp voltage on pin REG
IREG = 6 mA
--7.5
V


Número de pieza similar - TEA1522T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1522T NXP-TEA1522T Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1522T NXP-TEA1522T Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA1522T PHILIPS-TEA1522T Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA1522T/N2 NXP-TEA1522T/N2 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Descripción similar - TEA1522T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com