Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC27L4A Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TLC27L4A Datasheet(HTML) 1 Page - Texas Instruments |
1 / 44 page TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9 LinCMOS ™ PRECISION QUAD OPERATIONAL AMPLIFIERS SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Trimmed Offset Voltage: TLC27L9 . . . 900 µV Max at 25°C, VDD = 5 V D Input Offset Voltage Drift...Typically 0.1 µV/Month, Including the First 30 Days D Wide Range of Supply Voltages Over Specified Temperature Range: 0 °C to 70°C...3 V to 16 V –40 °C to 85°C...4 V to 16 V –55 °C to 125°C...4 V to 16 V D Single-Supply Operation D Common-Mode Input Voltage Range Extends Below the Negative Rail (C-Suffix, I-Suffix Types) D Ultra-Low Power...Typically 195 µW at 25 °C, VDD = 5 V D Output Voltage Range includes Negative Rail D High Input Impedance...1012 Ω Typ D ESD-Protection Circuitry D Small-Outline Package Option Also Available in Tape and Reel D Designed-In Latch-Up Immunity description The TLC27L4 and TLC27L9 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high input impedance, extremely low power, and high gain. These devices use Texas instruments silicon-gate LinCMOS ™ technology, which provides offset voltage stability far exceeding the stability available with conventional metal-gate pro- cesses. The extremely high input impedance, low bias currents, and low-power consumption make these cost-effective devices ideal for high-gain, low- frequency, low-power applications. Four offset voltage grades are available (C-suffix and I-suffix types), ranging from the low-cost TLC27L4 (10 mV) to the high-precision TLC27L9 (900 µV). These advantages, in combination with good common-mode rejection and supply voltage rejection, make these devices a good choice for new state-of-the-art designs as well as for upgrading existing designs. Copyright © 1994, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. LinCMOS is a trademark of Texas Instruments Incorporated. 35 30 25 20 15 10 5 600 0 – 600 40 1200 VIO – Input Offset Voltage – µV 0 – 1200 N Package TA = 25°C VDD = 5 V 299 Units Tested From 2 Wafer Lots DISTRIBUTION OF TLC27L9 INPUT OFFSET VOLTAGE 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN – 1IN + VDD 2IN + 2IN – 2OUT 4OUT 4IN – 4IN + GND 3IN + 3IN – 3OUT D, J, N, OR PW PACKAGE (TOP VIEW) 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4IN + NC GND NC 3IN + 1IN + NC VDD NC 2IN + FK PACKAGE (TOP VIEW) NC – No internal connection |
Número de pieza similar - TLC27L4A |
|
Descripción similar - TLC27L4A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |