Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP3057BDWR Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TP3057BDWR
Descripción Electrónicos  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TP3057BDWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TP3057BDWR Datasheet HTML 6Page - Texas Instruments TP3057BDWR Datasheet HTML 7Page - Texas Instruments TP3057BDWR Datasheet HTML 8Page - Texas Instruments TP3057BDWR Datasheet HTML 9Page - Texas Instruments TP3057BDWR Datasheet HTML 10Page - Texas Instruments TP3057BDWR Datasheet HTML 11Page - Texas Instruments TP3057BDWR Datasheet HTML 12Page - Texas Instruments TP3057BDWR Datasheet HTML 13Page - Texas Instruments TP3057BDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TP3054B, TP3057B, TP13054B, TP13057B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS042A – MAY 1990 – REVISED JULY 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
crosstalk
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Crosstalk, transmit-to-receive
f = 300 Hz to 3000 Hz,
DR at steady PCM code
–90
–75
dB
Crosstalk, receive-to-transmit (see Note 7)
VFXI = 0 V,
f = 300 Hz to 3000 Hz
–90
–75
dB
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
NOTE 7: Receive-to-transmit crosstalk is measured with a – 50 dBm0 activation signal applied at VFXI +.
PARAMETER MEASUREMENT INFORMATION
1
8
7
6
5
4
3
2
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
th2
th4
tsu4
th3
th3
tsu3
8
7
6
5
4
3
2
1
BCLKR
FSR
DR
FSX
DX
td3
td1
th4
tsu4
th2
BCLKX
MCLKX
MCLKR
tw1
tsu1
fclock(M)
tw2
tf1
tr1
td3
td2
TSX
20%
80%
80%
80%
20%
20%
80%
80%
20%
80%
80%
20%
80%
20%
80%
20%
20%
20%
80%
20%
80%
Figure 1. Short-Frame Sync Timing


Número de pieza similar - TP3057BDWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TP3057BDW TI-TP3057BDW Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Descripción similar - TP3057BDWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com