Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3117D2RHBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3117D2RHBT
Descripción Electrónicos  15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3117D2RHBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3117D2RHBT Datasheet HTML 6Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 7Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 8Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 9Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 10Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 11Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 12Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 13Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
VPLIMIT − PLIMIT Voltage − V
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
G014
Gain = 18.2 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
VCC − Supply Voltage − V
0
5
10
15
20
25
30
6
8
10
12
14
16
18
20
22
24
26
G016
THD = 10%
THD = 1%
Gain = 18.2 dB
ZL = 8 Ω + 66 µH
VCC − Supply Voltage − V
0
5
10
15
20
25
6
8
10
12
14
16
18
G017
THD = 10%
THD = 1%
Gain = 18.2 dB
ZL = 4 Ω + 33 µH
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
G018
VCC = 12 V
VCC = 18 V
VCC = 24 V
Gain = 18.2 dB
ZL = 8 Ω + 66 µH
TPA3117D2
SLOS672 – OCTOBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3117D2 EVM which is
available at ti.com.)
OUTPUT POWER
OUTPUT POWER
vs
vs
PLIMIT VOLTAGE (BTL)
SUPPLY VOLTAGE (BTL)
Note: Dashed Lines represent thermally limited regions.
Note: Dashed Lines represent thermally limited regions.
Figure 14.
Figure 15.
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE (BTL)
OUTPUT POWER (BTL)
Note: Dashed Lines represent thermally limited regions.
Note: Dashed Lines represent thermally limited regions.
Figure 16.
Figure 17.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPA3117D2


Número de pieza similar - TPA3117D2RHBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results

Descripción similar - TPA3117D2RHBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com