Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGW20V60DF Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza STGW20V60DF
Descripción Electrónicos  600 V, 20 A very high speed trench gate field-stop IGBT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

STGW20V60DF Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STGW20V60DF Datasheet HTML 5Page - List of Unclassifed Manufacturers STGW20V60DF Datasheet HTML 6Page - List of Unclassifed Manufacturers STGW20V60DF Datasheet HTML 7Page - List of Unclassifed Manufacturers STGW20V60DF Datasheet HTML 8Page - List of Unclassifed Manufacturers STGW20V60DF Datasheet HTML 9Page - List of Unclassifed Manufacturers STGW20V60DF Datasheet HTML 10Page - List of Unclassifed Manufacturers STGW20V60DF Datasheet HTML 11Page - List of Unclassifed Manufacturers STGW20V60DF Datasheet HTML 12Page - List of Unclassifed Manufacturers STGW20V60DF Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID024360 Rev 3
9/23
STGB20V60DF, STGP20V60DF, STGW20V60DF, STGWT20V60DF
Electrical characteristics
Figure 20. Switching times vs. collector current Figure 21. Switching times vs. gate resistance
AM17188v1
1
10
100
010
20
30
40
ts (ns)
Ic (A)
V
CC = 400V, VGE = 15V,
Tj =175
°C, Rg = 10 Ω
t doff
t don
t r
t f
AM17189v1
t f
1
10
100
0
10203040
ts (ns)
Rg (Ω)
VCC= 400V, VGE= 15V,
Tj=175 °C Ic = 40 A
t doff
t don
t r
Figure 22. Reverse recovery current vs. diode
current slope
Figure 23. Reverse recovery time vs. diode
current slope
Figure 24. Reverse recovery charge vs. diode
current slope
Figure 25. Reverse recovery energy vs. diode
current slope
AM17190v1
0
10
20
30
40
50
0
500
1000
1500
2000
2500
Irm (A)
di/dt (A/μs)
V
r = 400V, IF = 20 A
25°C
175 °C
AM17191v1
0
20
40
60
80
100
120
140
160
180
0
500
1000
1500
2000
2500
trr (μs)
di/dt (A/μs)
V
r = 400V, IF = 20 A
25 ºC
175 ºC
AM17192v1
0
200
400
600
800
1000
1200
1400
0
500
1000
1500
2000
2500
Qrr (nC)
di/dt (A/μs)
V
r = 400V, IF = 40 A
25°C
175°C
AM17193v1
0
100
200
300
400
500
600
700
800
0
500
1000
1500
2000
2500
Err (μJ)
di/dt (A/μs)
V
r = 400 V, IF = 20 A
175°C
25°C


Número de pieza similar - STGW20V60DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW20V60DF STMICROELECTRONICS-STGW20V60DF Datasheet
2Mb / 23P
   Low thermal resistance
June 2013 Rev 3
More results

Descripción similar - STGW20V60DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
   600 V, 20 A high speed trench gate field-stop IGBT
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 2
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
October 2013 Rev 4
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com