Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24C641PI-45TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

No. de pieza CAT24C641PI-45TE13
Descripción Electrónicos  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C641PI-45TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24C641PI-45TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C641PI-45TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C641PI-45TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C641PI-45TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C641PI-45TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C641PI-45TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C641PI-45TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C641PI-45TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C641PI-45TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
9-1
24C1601 BLOCK
CAT24C321/322(32K), CAT24C641/642(64K)
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
DESCRIPTION
The CAT24CXXX is a single chip solution to three
popular functions of EEPROM memory, precision reset
controller and watchdog timer. The 24C321/322(32K)
and 24C641/642(64K) feature a I2C Serial CMOS
EEPROM. Catalyst's advanced CMOS technology sub-
stantially reduces device power requirements. The
24CXXX features a 32-byte page and is available in 8-pin
DIP or 8-pin SOIC packages.
The reset function of the 24CXXX protects the system
during brown out and power up/down conditions. During
system failure the watchdog timer feature protects the
microcontroller with a reset signal. 24CXXX features
active low reset on pin 2 and active high reset on pin 7.
24C321/641 features watchdog timer on the SDA line.
24C322/642 does not feature the watchdog timer func-
tion.
Pin Name
Function
SDA
Serial Data/Address
RESET/
RESET
Reset I/O
SCL
Clock Input
Vcc
Power Supply
DC
Do not Connect
VSS
Ground
WP
Write Protect
PIN FUNCITONS
PIN CONFIGURATION
24C321/322*
24C641/642*
BLOCK DIAGRAM
*All products offered in P and J packages
Advanced
FEATURES
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
s Watchdog Timer on SDA for 24C321/641
s Programmable Reset Threshold
s 400 KHz I2C Bus Compatible
s 2.7 to 6 Volt Operation
s Low Power CMOS Technology
s 32 - Byte Page Write Buffer
s Built-in inadvertent write protection
— VCC Lock Out
s
Active High or Low Reset Outputs
— Precision Power Supply Voltage Monitoring
— 5V, 3.3V and 3V options
s 1,000,000 Program/Erase Cycles
s 100 Year Data Retention
s 8-Pin DIP or 8-Pin SOIC
s Commercial, Industrial and Automotive
Temperature Ranges
Doc. No. 25083-00 12/98
DC
VCC
RESET
SCL
SDA
RESET
WP
VSS
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SDA
RESET Controller
High
Precision
Vcc Monitor
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
SCL
Only for
24C321/641
RESET/
RESET
WATCHDOG


Número de pieza similar - CAT24C641PI-45TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C64 ONSEMI-CAT24C64 Datasheet
190Kb / 15P
   64 kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 14
CAT24C64 ONSEMI-CAT24C64 Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64 ONSEMI-CAT24C64 Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64 ONSEMI-CAT24C64 Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
More results

Descripción similar - CAT24C641PI-45TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com