Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD46058BY Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

No. de pieza LD46058BY
Descripción Electrónicos  4.60 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD46058BY Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD46058BY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD46058BY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD46058BY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121849
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.60 inch 5x8 Dot Matrix LED Display
Internal Circuit Diagram
LM46058A (Common Cathode Row)
LM46058B (Common Anode Row)
13
3
11,4
10
6
12
3
4
5
9
14
8
12
1
7
2
5
1
PI N
NO.
PI N
NO.
COL.
2
3
4
5
6
7
8
13
3
11,4
10
6
12
34
5
9
14
8
12
1
7
2
5
1
PI N
NO.
PI N
NO.
COL.
2
3
4
5
6
7
8
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LD46058AR
LD46058BR
GaAlAs
Super Red
640
12
15
LD46058AD
LD46058BD
GaAlAs
Hi-Red
640
27
37.5
LD46058AO
LD46058BO
GaAsP
Orange
625
10.5
13.5
LD46058AY
LD46058BY
GaAsP
Yellow
588
12
15
LD46058AG
LD46058BG
GaP
Green
568
10.5
13.5
LD46058AUR
LD46058BUR
AlGaInP
Ultra Red
640
45
67.5
LD46058AUO
LD46058BUO
AlGaInP
Ultra Orange
625
67.5
90
LD46058AUA
LD46058BUA
AlGaInP
Ultra Amber
605
45
67.5
LD46058AUY
LD46058BUY
AlGaInP
Ultra Yellow
595
45
67.5
LD46058AUG
LD46058BUG
AlGaInP
Ultra Green
573
45
67.5
LD46058APG
LD46058BPG
InGaN
Pure Green
525
180
450
LD46058AUB
LD46058BUB
InGaN
Ultra Blue
470
45
67.5
LD46058AUW
LD46058BUW
SMD
Ultra White
\
150
180
Unit:
\
\
\
nm
mcd
mcd


Número de pieza similar - LD46058BY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
LD4606A NEC-LD4606A Datasheet
51Kb / 4P
   30 GHz, 380 W CW, HIGH EFFICIENCY, HIGH POWER GAIN
More results

Descripción similar - LD46058BY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM46058ABRG LIGHTKEY-LM46058ABRG Datasheet
126Kb / 3P
   4.60 inch 5x8 Dual Color Dot Matrix LED Display
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CD LIGHTKEY-LM23058CD Datasheet
171Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58111G CHINASEMI-CSM-58111G Datasheet
182Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111V9 CHINASEMI-CSM-58111V9 Datasheet
180Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58231M9 CHINASEMI-CSM-58231M9 Datasheet
207Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432E CHINASEMI-CSM-58432E Datasheet
200Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com