Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD34058BUW Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

No. de pieza LD34058BUW
Descripción Electrónicos  LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD34058BUW Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD34058BUW Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD34058BUW Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD34058BUW Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121842
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 3.40 inch 5x8 Dot Matrix LED Display
Internal Circuit Diagram
LM34058A (Common Cathode Row)
LM34058B (Common Anode Row)
8
7
6
5
4
2
7
1
5
12
2
3
1
ROW
14
8
9
NO.
PIN
NO.
PIN
COL.
13
1
3
2
411
3
10
4
6
5
82
7
6
7
1
5
4
5
12
PIN
NO.
COL.
2
3
1
14
8
9
ROW
NO.
PIN
13
1
3
2
11
4
3
10
4
6
5
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LD34058AR
LD34058BR
GaAlAs
Super Red
640
12
15
LD34058AD
LD34058BD
GaAlAs
Hi-Red
640
27
37.5
LD34058AO
LD34058BO
GaAsP
Orange
625
10.5
13.5
LD34058AY
LD34058BY
GaAsP
Yellow
588
12
15
LD34058AG
LD34058BG
GaP
Green
568
10.5
13.5
LD34058AUR
LD34058BUR
AlGaInP
Ultra Red
640
45
67.5
LD34058AUO
LD34058BUO
AlGaInP
Ultra Orange
625
67.5
90
LD34058AUA
LD34058BUA
AlGaInP
Ultra Amber
605
45
67.5
LD34058AUY
LD34058BUY
AlGaInP
Ultra Yellow
595
45
67.5
LD34058AUG
LD34058BUG
AlGaInP
Ultra Green
573
45
67.5
LD34058APG
LD34058BPG
InGaN
Pure Green
525
180
450
LD34058AUB
LD34058BUB
InGaN
Ultra Blue
470
45
67.5
LD34058AUW
LD34058BUW
SMD
Ultra White
\
150
180
Unit:
\
\
\
nm
mcd
mcd


Número de pieza similar - LD34058BUW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LD30011AB LIGHTKEY-LD30011AB Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011ABRG LIGHTKEY-LD30011ABRG Datasheet
108Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AD LIGHTKEY-LD30011AD Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AG LIGHTKEY-LD30011AG Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AO LIGHTKEY-LD30011AO Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results

Descripción similar - LD34058BUW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM34058ABRG LIGHTKEY-LM34058ABRG Datasheet
116Kb / 3P
   3.40 inch 5x8 Dual Color Dot Matrix LED Display
LM12058AB LIGHTKEY-LM12058AB Datasheet
76Kb / 3P
   LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
LM14058AB LIGHTKEY-LM14058AB Datasheet
147Kb / 3P
   LM14058A/B Series ??1.40 inch 5x8 Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CD LIGHTKEY-LM23058CD Datasheet
171Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58111G CHINASEMI-CSM-58111G Datasheet
182Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com