Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM20088BUR Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

No. de pieza LM20088BUR
Descripción Electrónicos  2.00 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM20088BUR Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM20088BUR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM20088BUR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM20088BUR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121828
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.00 inch 8x8 Dot Matrix LED Display
LM20088A/B Series – 2.00 inch 8x8 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
50.80 mm (2.00 inch) matrix height
Dot size: Diameter 5.00 mm
Pitch: 6.35 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face color
Both CA or CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
0.60
50.80
6.35*7=44.45
PIN 1
COL.
38.10
ROW
8
4
6
7
5
3
1
2
6
12
3
4
5
7
8
5.
0
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Número de pieza similar - LM20088BUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM20088BURUG LIGHTKEY-LM20088BURUG Datasheet
276Kb / 3P
   2.00 inch 8x8 Dual Color Dot Matrix LED Display
More results

Descripción similar - LM20088BUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088ABRG LIGHTKEY-LM20088ABRG Datasheet
276Kb / 3P
   2.00 inch 8x8 Dual Color Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com