Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM20157BPG Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

No. de pieza LM20157BPG
Descripción Electrónicos  2.00 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM20157BPG Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM20157BPG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM20157BPG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM20157BPG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121830
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.00 inch 5x7 Square Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
1.8
2.2
30
60
25
100
Hi-Red
Per Dot
1.8
2.2
30
60
25
100
Orange
Per Dot
2.1
2.5
30
80
30
100
Yellow
Per Dot
2.1
2.5
30
80
30
100
Green
Per Dot
2.2
2.5
30
80
30
100
Ultra Red
Per Dot
1.9
2.6
30
60
30
100
Ultra Orange
Per Dot
2.0
2.6
30
65
30
100
Ultra Amber
Per Dot
2.0
2.6
30
65
30
100
Ultra Yellow
Per Dot
2.0
2.6
30
65
30
100
Ultra Green
Per Dot
2.1
2.6
30
75
30
100
Pure Green
Per Dot
3.5
4.0
30
110
30
100
Ultra Blue
Per Dot
3.5
4.0
30
120
30
100
Ultra White
Per Dot
3.5
4.0
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Número de pieza similar - LM20157BPG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154MH NSC-LM20154MH Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154MH NSC-LM20154MH Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
logo
Texas Instruments
LM20154MH TI1-LM20154MH Datasheet
1Mb / 31P
[Old version datasheet]   LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT
More results

Descripción similar - LM20157BPG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20057ABRG LIGHTKEY-LM20057ABRG Datasheet
169Kb / 3P
   2.00 inch 5x7 Dual Color Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2120-AG MARKTECH-MTAN2120-AG Datasheet
45Kb / 1P
   Marktech 2.00 5x7 Dot Matrix
logo
Unity Opto Technology
UVP-1X57A UOT-UVP-1X57A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-4X57XX UOT-UVP-4X57XX Datasheet
98Kb / 5P
   4.0 inch ( 101.6mm ) 5X7 DOT MATRIX LED DISPLAY
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com