Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML124S03 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

No. de pieza ML124S03
Descripción Electrónicos  ML100S SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML124S03 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  ML124S03 Datasheet HTML 1Page - MicroPower Direct, LLC ML124S03 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
1W Output Power
Ultra-Miniature SMT Case
1,500 VDC Isolation
5V, 12, 15 & 24V Inputs
-40ºC to +85ºC Operation
17 Standard Models
2.0 MH MTBF Minimum
Available on Tape/Reel
ML100S
Ultra-Miniature, 1W
Single Output SMT
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
15 VDC Input
13.5
15.0
16.5
24 VDC Input
21.6
24.0
26.4
Reverse Polarity Input Current
0.3
A
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±5.0
%
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Load Regulation, See Note 1
See Model Selection Guide
Ripple & Noise (20 MHz)
See Note 2
60
120
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
150
mV P - P
Ripple & Noise (20 MHz)
15
mv rms
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
40
100
pF
Switching Frequency
50
100
140
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Operating Temperature Range
Case
+90
ºC
Storage Temperature Range
-50
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.54 x 0.43 x 0.27 Inches (13.7 x 11.0 x 7.0 mm)
Case Material
Molding (UL94-V0)
Weight
0.06 Oz (1.7g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
15 VDC Input
-0.7
20.0
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec.
260
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Número de pieza similar - ML124S03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MicroPower Direct, LLC
ML124S05E MPD-ML124S05E Datasheet
291Kb / 2P
   ML100SE SERIES
ML124S05EI MPD-ML124S05EI Datasheet
291Kb / 2P
   ML100SEI SERIES
ML124S05ER MPD-ML124S05ER Datasheet
287Kb / 2P
   ML100SER SERIES
ML124S09E MPD-ML124S09E Datasheet
291Kb / 2P
   ML100SE SERIES
ML124S09EI MPD-ML124S09EI Datasheet
291Kb / 2P
   ML100SEI SERIES
More results

Descripción similar - ML124S03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com