Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD160011CR Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

No. de pieza LD160011CR
Descripción Electrónicos  LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD160011CR Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD160011CR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD160011CR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD160011CR Datasheet HTML 3Page - LightKey Optoelectronics Ltd. LD160011CR Datasheet HTML 4Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LightKey
SPEC NO: DS10121501
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 16 inch Large Assembly 7 Segment LED Display
Selection Guide (Ta = 25 °C )
Single Digit 7 Segment LED Display, Digit Height: 410.00mm(16inch), External Dimensions:
455.00x290.00mm (LxWmm)
Part No.
Chip
IV@IF=300mA
One Seg
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
LD160011CR
LD160011DR
GaAlAs
Super Red
640
540
675
LD160011CD
LD160011DD
GaAlAs
Hi-Red
640
1215
1688
LD160011CO
LD160011DO
GaAsP
Orange
625
472.5
607.5
LD160011CY
LD160011DY
GaAsP
Yellow
588
540
675
LD160011CG
LD160011DG
GaP
Green
568
472.5
607.5
LD160011CUR
LD160011DUR
AlGaInP
Ultra Red
640
2025
3038
LD160011CUO
LD160011DUO
AlGaInP
Ultra Orange
625
3037.5
4050
LD160011CUA
LD160011DUA
AlGaInP
Ultra Amber
605
2025
3038
LD160011CUY
LD160011DUY
AlGaInP
Ultra Yellow
595
2025
3038
LD160011CUG
LD160011DUG
AlGaInP
Ultra Green
573
2025
3038
LD160011CPG
LD160011DPG
InGaN
Pure Green
525
8100
20250
LD160011CUB
LD160011DUB
InGaN
Ultra Blue
470
2025
3038
LD160011CUW
LD160011DUW
SMD
Ultra White
\
6750
8100
Unit:
\
\
\
nm
mcd
mcd


Número de pieza similar - LD160011CR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LD160011AB LIGHTKEY-LD160011AB Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD160011AD LIGHTKEY-LD160011AD Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD160011AG LIGHTKEY-LD160011AG Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD160011AO LIGHTKEY-LD160011AO Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD160011APG LIGHTKEY-LD160011APG Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
More results

Descripción similar - LD160011CR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LD160011AB LIGHTKEY-LD160011AB Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD80011CD LIGHTKEY-LD80011CD Datasheet
144Kb / 3P
   8 inch Large Assembly 7 Segment LED Display
LD200011AB LIGHTKEY-LD200011AB Datasheet
148Kb / 3P
   LD200011A/B Series ??20 inch Large Assembly 7 Segment LED Display
LD30014AB LIGHTKEY-LD30014AB Datasheet
133Kb / 3P
   3.00 inch Single Digit 7 Segment big assembly LED Display
LD3011CD LIGHTKEY-LD3011CD Datasheet
160Kb / 3P
   LD3011C/D Series - 0.30 inch dual Digit 7 Segment LED Display
logo
List of Unclassifed Man...
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
TOS3104 ETC-TOS3104 Datasheet
43Kb / 1P
   7 SEGMENT LED DISPLAY
TOS8102 ETC2-TOS8102 Datasheet
48Kb / 1P
   7 SEGMENT LED DISPLAY
logo
QT Optoelectronics
FND310C QT-FND310C Datasheet
311Kb / 3P
   0.362-INCH 7-SEGMENT DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com