Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD200011AUA Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

No. de pieza LD200011AUA
Descripción Electrónicos  LD200011A/B Series ??20 inch Large Assembly 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD200011AUA Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD200011AUA Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD200011AUA Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD200011AUA Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121500
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 20 inch Large Assembly 7 Segment LED Display
Selection Guide (Ta = 25 °C )
Single Digit 7 Segment LED Display, Digit Height: 500.00 mm(20.00 inch), External Dimensions:
360.00x550.00 mm (LxWmm)
Part No.
Chip
Iv@IF=20mA
One Seg
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
LD200011AR
LD200011BR
GaAlAs
Super Red
640
756
945
LD200011AD
LD200011BD
GaAlAs
Hi-Red
640
1701
2363
LD200011AO
LD200011BO
GaAsP
Orange
625
661.5
850.5
LD200011AY
LD200011BY
GaAsP
Yellow
588
756
945
LD200011AG
LD200011BG
GaP
Green
568
661.5
850.5
LD200011AUR
LD200011BUR
AlGaInP
Ultra Red
640
2835
4253
LD200011AUO
LD200011BUO
AlGaInP
Ultra Orange
625
4252.5
5670
LD200011AUA
LD200011BUA
AlGaInP
Ultra Amber
65
2835
4253
LD200011AUY
LD200011BUY
AlGaInP
Ultra Yellow
595
2835
4253
LD200011AUG
LD200011BUG
AlGaInP
Ultra Green
573
5670
7560
LD200011APG
LD200011BPG
InGaN
Pure Green
525
11340
28350
LD200011AUB
LD200011BUB
InGaN
Ultra Blue
470
2835
4253
LD200011AUW
LD200011BUW
InGaN
Ultra White
\
9450
11340
Unit:
\
\
\
nm
mcd
mcd


Número de pieza similar - LD200011AUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Banner Engineering Corp...
LD200 BANNER-LD200 Datasheet
756Kb / 9P
   Laser Contrast Sensor
logo
LightKey Optoelectronic...
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011AD LIGHTKEY-LD20011AD Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011AG LIGHTKEY-LD20011AG Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011AO LIGHTKEY-LD20011AO Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
More results

Descripción similar - LD200011AUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LD160011AB LIGHTKEY-LD160011AB Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD80011CD LIGHTKEY-LD80011CD Datasheet
144Kb / 3P
   8 inch Large Assembly 7 Segment LED Display
LD160011CD LIGHTKEY-LD160011CD Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD3011AB LIGHTKEY-LD3011AB Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3014AB LIGHTKEY-LD3014AB Datasheet
152Kb / 3P
   LD3014A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD2841AB LIGHTKEY-LD2841AB Datasheet
173Kb / 3P
   LD2841A/B Series - 0.28 inch Four Digit 7 Segment LED Display
LD2531 LIGHTKEY-LD2531 Datasheet
178Kb / 3P
   LD2531A/B Series - 0.25 inch Three Digit 7 Segment LED Display
LD3031AB LIGHTKEY-LD3031AB Datasheet
203Kb / 3P
   LD3031A/B Series - 0.30 inch Three Digit 7 Segment LED Display
LD3021AB LIGHTKEY-LD3021AB Datasheet
157Kb / 3P
   LD3021A/B Series - 0.30 inch dual Digit 7 Segment LED Display
LD30014AB LIGHTKEY-LD30014AB Datasheet
133Kb / 3P
   3.00 inch Single Digit 7 Segment big assembly LED Display
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com