Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD160011AUR Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

No. de pieza LD160011AUR
Descripción Electrónicos  LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD160011AUR Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD160011AUR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD160011AUR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD160011AUR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121502
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 16 inch Large Assembly 7 Segment LED Display
Internal Circuit Diagram
Common Anode
LD160011B
Selection Guide (Ta = 25 °C )
Single Digit 7 Segment LED Display, Digit Height: 410.00mm(16inch), External Dimensions:
455.00x290.00mm (LxWmm)
Part No.
Chip
IV@IF=120mA
One Seg
Common Cathode
Common Anode
Material
Color
WLD
Min.
Typ.
LD160011AR
LD160011BR
GaAlAs
Super Red
640
540
675
LD160011AD
LD160011BD
GaAlAs
Hi-Red
640
1215
1688
LD160011AO
LD160011BO
GaAsP
Orange
625
472.5
607.5
LD160011AY
LD160011BY
GaAsP
Yellow
588
540
675
LD160011AG
LD160011BG
GaP
Green
568
472.5
607.5
LD160011AUR
LD160011BUR
AlGaInP
Ultra Red
640
2025
3038
LD160011AUO
LD160011BUO
AlGaInP
Ultra Orange
625
3037.5
4050
LD160011AUA
LD160011BUA
AlGaInP
Ultra Amber
605
2025
3038
LD160011AUY
LD160011BUY
AlGaInP
Ultra Yellow
595
2025
3038
LD160011AUG
LD160011BUG
AlGaInP
Ultra Green
573
2025
3038
LD160011APG
LD160011BPG
InGaN
Pure Green
525
8100
20250
LD160011AUB
LD160011BUB
InGaN
Ultra Blue
470
2025
3038
LD160011AUW
LD160011BUW
SMD
Ultra White
\
6750
8100
Unit:
\
\
\
nm
mcd
mcd


Número de pieza similar - LD160011AUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LD160011CD LIGHTKEY-LD160011CD Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD160011CG LIGHTKEY-LD160011CG Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD160011CO LIGHTKEY-LD160011CO Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD160011CPG LIGHTKEY-LD160011CPG Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD160011CR LIGHTKEY-LD160011CR Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
More results

Descripción similar - LD160011AUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LD200011AB LIGHTKEY-LD200011AB Datasheet
148Kb / 3P
   LD200011A/B Series ??20 inch Large Assembly 7 Segment LED Display
LD160011CD LIGHTKEY-LD160011CD Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD80011CD LIGHTKEY-LD80011CD Datasheet
144Kb / 3P
   8 inch Large Assembly 7 Segment LED Display
LD3011AB LIGHTKEY-LD3011AB Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3014AB LIGHTKEY-LD3014AB Datasheet
152Kb / 3P
   LD3014A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD2841AB LIGHTKEY-LD2841AB Datasheet
173Kb / 3P
   LD2841A/B Series - 0.28 inch Four Digit 7 Segment LED Display
LD2531 LIGHTKEY-LD2531 Datasheet
178Kb / 3P
   LD2531A/B Series - 0.25 inch Three Digit 7 Segment LED Display
LD3031AB LIGHTKEY-LD3031AB Datasheet
203Kb / 3P
   LD3031A/B Series - 0.30 inch Three Digit 7 Segment LED Display
LD3021AB LIGHTKEY-LD3021AB Datasheet
157Kb / 3P
   LD3021A/B Series - 0.30 inch dual Digit 7 Segment LED Display
LD30014AB LIGHTKEY-LD30014AB Datasheet
133Kb / 3P
   3.00 inch Single Digit 7 Segment big assembly LED Display
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com