Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC5225D Datasheet(PDF) 3 Page - Sanken electric

No. de pieza LC5225D
Descripción Electrónicos  Off-Line DC / DC LED Driver ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5225D Datasheet(HTML) 3 Page - Sanken electric

  LC5225D Datasheet HTML 1Page - Sanken electric LC5225D Datasheet HTML 2Page - Sanken electric LC5225D Datasheet HTML 3Page - Sanken electric LC5225D Datasheet HTML 4Page - Sanken electric LC5225D Datasheet HTML 5Page - Sanken electric LC5225D Datasheet HTML 6Page - Sanken electric LC5225D Datasheet HTML 7Page - Sanken electric LC5225D Datasheet HTML 8Page - Sanken electric LC5225D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Recommended Operating Conditions
Characteristic
Symbol
Test Conditions
Pins*
Min.
Max.
Unit
Power Supply Voltage
VBB
LC5222D/S
Minimum input voltage depends
on LED output voltage and
converter topology.
6 – 8
(7 – 8)
25
200
V
LC5225D/S
25
400
V
Average Output Current
IO(AVG)
5 – 4
(5, 6 – 4)
0.4
A
REF Pin Input Voltage
VREF
Normal operation
3 – 8
0.2
2.5
V
Case Temperature
TC
Measured at the center of the branded side,
TJ ≤ 150°C.
105
°C
Note: Recommended Operating Conditions means the operation conditions to maintain normal functions shown in the Electrical Characteristics table.
*Where the pin numbers differ between the DIP8 and the SOP8 packages, the SOP8 pin number is written in parentheses.
LC5222D/25D and
LC5222S/25S
3
SANKEN ELECTRIC CO., LTD.
LC5222D/25D_22S/25S-DS
Off-Line DC/DC LED Driver ICs
August 8, 2012


Número de pieza similar - LC5225D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
More results

Descripción similar - LC5225D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
logo
Microchip Technology
HV9805 MICROCHIP-HV9805 Datasheet
491Kb / 34P
   Off-Line LED Driver with True DC Output Current
01/27/15
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Toshiba Semiconductor
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com