Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI2333DS-T1 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
SI2333DS-T1 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 9 page www.vishay.com 2 Document Number: 72023 S09-0130-Rev. C, 02-Feb-09 Vishay Siliconix Si2333DS Notes: a. Pulse test: PW ≤ 300 µs, duty cycle ≤ 2 %. b. For design aid only, not subject to production testing. c. Switching time is essentially independent of operating temperature. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS TJ = 25 °C, unless otherwise noted Parameter Symbol Test Conditions Limits Unit Min. Typ. Max. Static Drain-Source Breakdown Voltage V(BR)DSS VGS = 0 V, ID = - 250 µA - 12 V Gate-Threshold Voltage VGS(th) VDS = VGS, ID = - 250 µA - 0.40 - 1.0 Gate-Body Leakage IGSS VDS = 0 V, VGS = ± 8 V ± 100 nA Zero Gate Voltage Drain Current IDSS VDS = - 9.6 V, VGS = 0 V - 1 µA VDS = - 9.6 V, VGS = 0 V, TJ = 55 °C - 10 On-State Drain Currenta ID(on) VDS ≤ - 5 V, VGS = - 4.5 V - 20 A Drain-Source On-Resistancea RDS(on) VGS = - 4.5 V, ID = - 5.3 A 0.025 0.032 Ω VGS = - 2.5 V, ID = - 4.6 A 0.033 0.042 VGS = - 1.8 V, ID = - 2.0 A 0.046 0.059 Forward Transconductancea gfs VDS = - 5 V, ID = - 5.3 A 17 S Diode Forward Voltage VSD IS = - 1.0 A, VGS = 0 V - 0.7 - 1.2 V Dynamicb Total Gate Charge Qg VDS = - 6 V, VGS = - 4.5 V ID ≅ - 5.3 A 11.5 18 nC Gate-Source Charge Qgs 1.5 Gate-Drain Charge Qgd 3.2 Input Capacitance Ciss VDS = - 6 V, VGS = 0 V, f = 1 MHz 1100 pF Output Capacitance Coss 390 Reverse Transfer Capacitance Crss 300 Switchingc Turn-On Time td(on) VDD = - 6 V, RL = 6 Ω ID ≅ - 1.0 A, VGEN = - 4.5 V RG = 6 Ω 25 40 ns tr 45 70 Turn-Off Time td(off) 72 110 tf 60 90 |
Número de pieza similar - SI2333DS-T1 |
|
Descripción similar - SI2333DS-T1 |