Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25C04U14-1.8TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

No. de pieza CAT25C04U14-1.8TE13
Descripción Electrónicos  1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C04U14-1.8TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25C04U14-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C04U14-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C04U14-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C04U14-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C04U14-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C04U14-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C04U14-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C04U14-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C04U14-1.8TE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
CAT25C01/02/04/08/16
Doc. No. 25067-00 5/00
Advanced Information
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
DESIGN CONSIDERATIONS
The CAT25C01/02/04/08/16
powers up in a write
disable state and in a low power standby mode. A
WREN instruction must be issued to perform any writes
to the device after power up. Also,on power up
CS
should be brought low to enter a ready state and
receive an instruction. After a successful byte/page
write or status register write, the CAT25C01/02/04/08/
16 goes into a write disable mode.
CS must be set high
Figure 8. Page Write Instruction Timing
Note: Dashed Line= mode (1, 1) – ––––
Note: Dashed Line= mode (1, 1) – ––––
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
Figure 10.
WP
WP
WP
WP
WP Timing
Note: Dashed Line= mode (1, 1) – ––––
tCSH
CS
SCK
WP
WP
tWPS
tWPH
after the proper number of clock cycles to start an
internal write cycle. Access to the array during an
internal write cycle is ignored and programming is
continued. On power up, SO is in a high impedance. If
an invalid op code is received, no data will be shifted
into the CAT25C01/02/04/08/16, and the serial output
pin (SO) will remain in a high impedance state until the
falling edge of
CS is detected again.


Número de pieza similar - CAT25C04U14-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C04 CATALYST-CAT25C04 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04LI-1.8TE13 CATALYST-CAT25C04LI-1.8TE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04LITE13 CATALYST-CAT25C04LITE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04VI-1.8TE13 CATALYST-CAT25C04VI-1.8TE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04VITE13 CATALYST-CAT25C04VITE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

Descripción similar - CAT25C04U14-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com