Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA4558YF-ME2 Datasheet(PDF) 9 Page - Rohm |
|
BA4558YF-ME2 Datasheet(HTML) 9 Page - Rohm |
9 / 20 page Datasheet www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RAR1G200630-1-2 TSZ22111・15・001 9/17 20.Feb.2013 Rev.001 BA4558Yxxx-M ○BA4558Yxxx-M (*) The above data is measurement value of typical sample, it is not guaranteed. Figure 16. Input Offset Voltage - Common Mode Input Voltage (VCC=4V, VEE=-4V, OUT=0V) Figure 15. Input Offset Current - Ambient Temperature (Vicm=0V, OUT=0V) -60 -40 -20 0 20 40 60 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE [°C] ±4V ±15V ±7.5V Figure 17. Common Mode Rejection Ratio - Ambient Temperature (VCC/VEE=+15V/-15V, Vicm=-12V to +12V) 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE [°C] Figure 14. Input Offset Current - Supply Voltage (Vicm=0V, OUT=0V) -60 -40 -20 0 20 40 60 ±0 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] 105℃ -40℃ 25℃ 25℃ 105℃ -40℃ -5 -4 -3 -2 -1 0 1 2 3 4 5 -4 -3 -2 -1 01234 COMMON MODE INPUT VOLTAGE[V] |
Número de pieza similar - BA4558YF-ME2 |
|
Descripción similar - BA4558YF-ME2 |