Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD18HA3MEFJ-LBH2 Datasheet(PDF) 5 Page - Rohm

No. de pieza BD18HA3MEFJ-LBH2
Descripción Electrónicos  0.3A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD18HA3MEFJ-LBH2 Datasheet(HTML) 5 Page - Rohm

  BD18HA3MEFJ-LBH2 Datasheet HTML 1Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 2Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 3Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 4Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 5Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 6Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 7Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 8Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/21
BDxxHA3MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00540-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Typical Performance Curves
(Unless otherwise noted, EN=3V, VCC=6V, R1=43kΩ, R2=8.2kΩ)
Figure 3.
Transient Response
(0→0.3A)
Co=1µF, Ta=-40°C
Figure 4.
Transient Response
(0→0.3A)
Co=1µF, Ta=25°C
IO
IO
VEN
VCC
VO
VEN
VCC
T.B.D
T.B.D
T.B.D
Vo
100mV/div
Io
0.2A/div
Vo
100mV/div
Io
0.2A/div
10usec/div
10usec/div
Vo
100mV/div
Io
0.2A/div
10usec/div
2msec/div
Vo
100mV/div
Io
0.2A/div
Figure 6.
Transient Response
(0.3→0A)
Co=1µF,Ta=-40℃
Figure 5.
Transient Response
(0→0.3A)
Co=1µF,Ta=105℃


Número de pieza similar - BD18HA3MEFJ-LBH2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD18HA3MEFJ-E2 ROHM-BD18HA3MEFJ-E2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD18HA3MEFJ-ME2 ROHM-BD18HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD18HA3MEFJ-ME2 ROHM-BD18HA3MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 0.3A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Descripción similar - BD18HA3MEFJ-LBH2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BDXXHA3MEFJ-M ROHM-BDXXHA3MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.3A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
BD00GA5MEFJ-LB ROHM-BD00GA5MEFJ-LB Datasheet
901Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00HC0MEFJ-LB ROHM-BD00HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com