Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD00HC5MEFJ-LB Datasheet(PDF) 10 Page - Rohm

No. de pieza BD00HC5MEFJ-LB
Descripción Electrónicos  1.5A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD00HC5MEFJ-LB Datasheet(HTML) 10 Page - Rohm

Back Button BD00HC5MEFJ-LB Datasheet HTML 6Page - Rohm BD00HC5MEFJ-LB Datasheet HTML 7Page - Rohm BD00HC5MEFJ-LB Datasheet HTML 8Page - Rohm BD00HC5MEFJ-LB Datasheet HTML 9Page - Rohm BD00HC5MEFJ-LB Datasheet HTML 10Page - Rohm BD00HC5MEFJ-LB Datasheet HTML 11Page - Rohm BD00HC5MEFJ-LB Datasheet HTML 12Page - Rohm BD00HC5MEFJ-LB Datasheet HTML 13Page - Rohm BD00HC5MEFJ-LB Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10/21
BDxxHC5MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00570-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
IO[A]
VCC [V]
Ta[℃]
Ta[℃]
Figure 23.
Ta-ISD
(VEN=0V)
Figure 24.
Ta-IEN
Figure 26.
Vcc-IsD
(Ven=0V)
Figure.25.
IO-VO


Número de pieza similar - BD00HC5MEFJ-LB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD00HC5MEFJ-E2 ROHM-BD00HC5MEFJ-E2 Datasheet
727Kb / 24P
   Automotive 1.5A Variable Output LDO Regulator
BD00HC5MEFJ-M ROHM-BD00HC5MEFJ-M Datasheet
727Kb / 24P
   Automotive 1.5A Variable Output LDO Regulator
BD00HC5MEFJ-ME2 ROHM-BD00HC5MEFJ-ME2 Datasheet
727Kb / 24P
   Automotive 1.5A Variable Output LDO Regulator
BD00HC5MEFJ-ME2 ROHM-BD00HC5MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Descripción similar - BD00HC5MEFJ-LB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BDXXHC5MEFJ-M ROHM-BDXXHC5MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HC5MEFJ-M ROHM-BD00HC5MEFJ-M Datasheet
727Kb / 24P
   Automotive 1.5A Variable Output LDO Regulator
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00GA5MEFJ-LB ROHM-BD00GA5MEFJ-LB Datasheet
901Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00HA3MEFJ-LB ROHM-BD00HA3MEFJ-LB Datasheet
787Kb / 24P
   0.3A Variable Output Industrial LDO Regulator
BD00HC0MEFJ-LB ROHM-BD00HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com