Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2-1376437-3 Datasheet(PDF) 9 Page - Tyco Electronics |
|
2-1376437-3 Datasheet(HTML) 9 Page - Tyco Electronics |
9 / 98 page 143 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 .093 [2.36] Commercial Pin and Socket Connectors AMP Soft Shell Pin and Socket Connectors Product Facts I Polarized I Cavity identification I Low contact-mating force I Dual locking lances I Detent and positive locking I Contacts available in brass and phosphor bronze with tin and gold plating I Panel mounting and free- hanging styles I “F” crimp contacts I Applicator and hand tool available I Economical commercial- grade connectors I Compatible with high-speed application machinery and competitive soft shells I Wire range 24 to 14 AWG [0.2 to 2 mm2] I Accepts wires with insulation diameters as large as .180 [4.57] I Housings available in 1 to 15 positions I .093 plug and receptacle housings accept pin or socket contacts. The preferred convention is to use socket contacts with receptacle housings I Not for interrupting current I Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 I Certified by Canadian Standards Association, File No. LR 7189 R R Performance Characteristics The .093 Commercial Pin and Socket Connectors performance characteristics found on pages 143-144 are based on free-hanging and panel mount connec- tors, loaded with contacts crimped on stranded wire. Thermal Shock— -55°C to +105°C Temperature-Humidity Cycling— +25°C to +65°C at 90–95% RH Corrosion—48 hr. at 5% salt concentration Vibration—10-55-10 cycles per minute at .06 [1.52] total excursion Physical Shock—18 shocks, 50 Gs sawtooth in 11 milliseconds Durability—50 mating cycles Dielectric Withstanding Voltage— 1.0 kVAC Insulation Resistance— 1000 megohms min. initial Voltage Rating—250 V AC or DC Connector Mating— 2.5 lb. [11.1 N] max. per contact Connector Unmating— 1.5 lb. [6.7 N] min. per contact Contact Retention— 10 lb. [44.5 N] min. Technical Documents Application Specification 114-49000 .093 Commercial Pin and Socket Connectors Product Specification 108-1038 .093 Commercial Pin and Socket Connectors |
Número de pieza similar - 2-1376437-3 |
|
Descripción similar - 2-1376437-3 |