Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5228 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD5228
Descripción Electrónicos  32-Position Manual Up/Down Control Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5228 Datasheet(HTML) 3 Page - Analog Devices

  AD5228 Datasheet HTML 1Page - Analog Devices AD5228 Datasheet HTML 2Page - Analog Devices AD5228 Datasheet HTML 3Page - Analog Devices AD5228 Datasheet HTML 4Page - Analog Devices AD5228 Datasheet HTML 5Page - Analog Devices AD5228 Datasheet HTML 6Page - Analog Devices AD5228 Datasheet HTML 7Page - Analog Devices AD5228 Datasheet HTML 8Page - Analog Devices AD5228 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5228
Rev. A | Page 3 of 20
ELECTRICAL CHARACTERISTICS
10 kΩ, 50 kΩ, 100 kΩ versions: VDD = 3 V ± 10% or 5 V ± 10%, VA = VDD, VB = 0 V, −40°C < TA < +105°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS, RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, A terminal = no connect
−0.5
±0.05
+0.5
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, A terminal = no connect
−0.5
±0.1
+0.5
LSB
Nominal Resistor Tolerance3
∆RAB/RAB
−20
+20
%
Resistance Temperature Coefficient
(∆RAB/RAB) × 104/∆T
35
ppm/°C
Wiper Resistance
RW
VDD = 2.7 V
100
250
Ω
VDD = 2.8 V to 5.5 V
50
200
Ω
DC CHARACTERISTICS, POTENTIOMETER DIVIDER MODE
(Specifications apply to all RDACs)
Resolution
N
5
Bits
Integral Nonlinearity3
INL
−0.5
±0.05
+0.5
LSB
Differential Nonlinearity3, 5
DNL
−0.5
±0.05
+0.5
LSB
Voltage Divider Temperature Coefficient
(∆VW/VW) × 104/∆T
Midscale
5
ppm/°C
Full-Scale Error
VWFSE
≥+15 steps from midscale
−1 .2
−0.5
0
LSB
Zero-Scale Error
VWZSE
≤−16 steps from midscale
0
0.3
0.6
LSB
RESISTOR TERMINALS
Voltage Range6
VA, B, W
With respect to GND
0
VDD
V
Capacitance4 A, B
CA, B
f = 1 MHz, measured to GND
140
pF
Capacitance4 W
CW
f = 1 MHz, measured to GND
150
pF
Common-Mode Leakage
ICM
VA = VB = VW
1
nA
PU, PD INPUTS
Input High
VIH
VDD = 5 V
2.4
5.5
V
Input Low
VIL
VDD = 5 V
0
0.8
V
Input Current
II
VIN = 0 V or 5 V
±1
μA
Input Capacitance4
CI
5
pF
POWER SUPPLIES
Power Supply Range
VDD
VDD = 5 V, PU = PD = VDD
2.7
5.5
V
Supply Standby Current
IDD_STBY
0.4
3
μA
Supply Active Current7
IDD_ACT
VDD = 5 V, PU or PD = 0 V
50
110
μA
Power Dissipation7, 8
PDISS
VDD = 5 V
17
μW
Power Supply Sensitivity
PSSR
VDD = 5 V ± 10%
0.01
0.05
%/%
Footnotes on next page.


Número de pieza similar - AD5228

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5228 AD-AD5228 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5228BUJZ10-R2 AD-AD5228BUJZ10-R2 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5228BUJZ10-RL7 AD-AD5228BUJZ10-RL7 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5228BUJZ100-R2 AD-AD5228BUJZ100-R2 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5228BUJZ100-RL7 AD-AD5228BUJZ100-RL7 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
More results

Descripción similar - AD5228

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
AD5228 AD-AD5228 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
logo
Analog Devices
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com