Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24C321P25TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT24C321P25TE13
Descripción Electrónicos  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C321P25TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT24C321P25TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C321P25TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C321P25TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C321P25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C321P25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C321P25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C321P25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C321P25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C321P25TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT24C321/322/641/642
4
Advanced
Doc. No. 25083-00 12/98
Symbol
Parameter
Min.
Max.
Units
tGLITCH
Glitch Reject Pulse Width
100
ns
VRT
Reset Threshold Hystersis
15
mV
VOLRS
Reset Output Low Voltage (IOLRS=1mA)
0.4
V
VOHRS
Reset Output High Voltage
Vcc-0.75
V
Reset Threshold (Vcc=5V)
4.50
4.75
(24CXXX-45)
Reset Threshold (Vcc=5V)
4.25
4.50
(24CXXX-42)
Reset Threshold (Vcc=3.3V)
3.00
3.15
(24CXXX-30)
Reset Threshold (Vcc=3.3V)
2.85
3.00
(24CXXX-28)
Reset Threshold (Vcc=3V)
2.55
2.70
(24CXXX-25)
tPURST
Power-Up Reset Timeout
130
270
ms
tRPD
VTH to RESET Output Delay
5
µs
VRVALID
RESET Output Valid
1
V
RESET CIRCUIT CHARACTERISTICS
V
VTH


Número de pieza similar - CAT24C321P25TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
   32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
CAT24C32 ONSEMI-CAT24C32 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
More results

Descripción similar - CAT24C321P25TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com