Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDEP105NP-7R2MC-88 Datasheet(PDF) 2 Page - Sumida Corporation

No. de pieza CDEP105NP-7R2MC-88
Descripción Electrónicos  SMD Power Inductor CDEP105
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP105NP-7R2MC-88 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP105NP-7R2MC-88 Datasheet HTML 1Page - Sumida Corporation CDEP105NP-7R2MC-88 Datasheet HTML 2Page - Sumida Corporation CDEP105NP-7R2MC-88 Datasheet HTML 3Page - Sumida Corporation CDEP105NP-7R2MC-88 Datasheet HTML 4Page - Sumida Corporation CDEP105NP-7R2MC-88 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP105
Electrical Characteristics2 – Standard Type
Electrical Characteristics3 – High Power Type
4.9
6.7
8.4
23.8(19.8)
5.0
±20%
5R0MS
CDEP1Ø5NP-5RØMC-5Ø
6.2
7.4
9.3
18.0(15.0)
4.0
±20%
4R0MS
CDEP1Ø5NP-4RØMC-5Ø
7.4
8.4
10.5
12.4(10.3)
3.2
±20%
3R2MS
CDEP1Ø5NP-3R2MC-5Ø
7.8
9.6
11.8
10.5(8.7)
2.5
±20%
2R5MS
CDEP1Ø5NP-2R5MC-5Ø
9.0
11.0
13.8
7.5(6.2)
1.8
±20%
1R8MS
CDEP1Ø5NP-1R8MC-5Ø
11.2
13.4
16.8
5.3(4.4)
1.3
±20%
1R3MS
CDEP1Ø5NP-1R3MC-5Ø
13.0
16.7
20.8
4.1(3.4)
0.8
±20%
0R8MS
CDEP1Ø5NP-ØR8MC-5Ø
17.7
21.2
26.4
2.4(2.0)
0.45
±20%
0R4MS
CDEP1Ø5NP-ØR4MC-5Ø
19.0
30.9
40.0
1.7(1.4)
0.22
±30%
0R2NS
CDEP1Ø5NP-ØR2NC-5Ø
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
△T=40℃
SATURATION
CURRENT ( A )
※2
D.C.R. (m
Ω)
[MAX.]
(at 20
℃)
INDUCTANCE
(
μH) ※1
STAMP
PART NO.
4.9
10.5
12.6
23.8(19.8)
3.0
±20%
3R0MH
CDEP1Ø5NP-3RØMC-32
6.2
11.7
14.0
18.0(15.0)
2.5
±20%
2R5MH
CDEP1Ø5NP-2R5MC-32
7.4
13.1
15.8
12.4(10.3)
2.0
±20%
2R0MH
CDEP1Ø5NP-2RØMC-32
7.8
15.0
18.0
10.5(8.7)
1.5
±20%
1R5MH
CDEP1Ø5NP-1R5MC-32
9.0
17.4
21.0
7.5(6.2)
1.2
±20%
1R2MH
CDEP1Ø5NP-1R2MC-32
11.2
20.7
25.2
5.3(4.4)
0.8
±20%
0R8MH
CDEP1Ø5NP-ØR8MC-32
13.0
25.0
30.4
4.1(3.4)
0.5
±20%
0R5MH
CDEP1Ø5NP-ØR5MC-32
17.7
33.0
40.0
2.4(2.0)
0.3
±30%
0R3NH
CDEP1Ø5NP-ØR3NC-32
19.0
46.0
55.0
1.7(1.4)
0.15
±30%
0R1NH
CDEP1Ø5NP-ØR1NC-32
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
△T=40℃
SATURATION
CURRENT ( A )
※2
D.C.R. (m
Ω)
[MAX.]
(at 20
℃)
INDUCTANCE
(
μH) ※1
STAMP
PART NO.
※1. Measuring condition: at 100kHz.
※2. Saturation current:The value of D.C. current when the inductance decreases to 65% (while the tolerance
is
±30%) or 75% (while the tolerance is±20%) of it’s nominal.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Número de pieza similar - CDEP105NP-7R2MC-88

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDEP105NP-7R2M SUMIDA-CDEP105NP-7R2M Datasheet
150Kb / 3P
   POWER INDUCTORS
More results

Descripción similar - CDEP105NP-7R2MC-88

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com