Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2JTH5WNVX Datasheet(PDF) 8 Page - Rohm

No. de pieza BU2JTH5WNVX
Descripción Electrónicos  High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2JTH5WNVX Datasheet(HTML) 8 Page - Rohm

Back Button BU2JTH5WNVX Datasheet HTML 4Page - Rohm BU2JTH5WNVX Datasheet HTML 5Page - Rohm BU2JTH5WNVX Datasheet HTML 6Page - Rohm BU2JTH5WNVX Datasheet HTML 7Page - Rohm BU2JTH5WNVX Datasheet HTML 8Page - Rohm BU2JTH5WNVX Datasheet HTML 9Page - Rohm BU2JTH5WNVX Datasheet HTML 10Page - Rohm BU2JTH5WNVX Datasheet HTML 11Page - Rohm BU2JTH5WNVX Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8/10
07.Jan.2014.Rev.001
TSZ02201-0RBR0A300190-1-2
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BU2JTH5WNVX
Datasheet
Operational Notes
1.
Reverse Connection of Power Supply
Connecting the power supply in reverse polarity can damage the IC. Take precautions against reverse polarity when
connecting the power supply, such as mounting an external diode between the power supply and the IC’s power supply
pins.
2.
Power Supply Lines
Design the PCB layout pattern to provide low impedance supply lines. Separate the ground and supply lines of the
digital and analog blocks to prevent noise in the ground and supply lines of the digital block from affecting the analog
block. Furthermore, connect a capacitor to ground at all power supply pins. Consider the effect of temperature and
aging on the capacitance value when using electrolytic capacitors.
3.
Ground Voltage
Ensure that no pins are at a voltage below that of the ground pin at any time, even during transient condition.
4.
Ground Wiring Pattern
When using both small-signal and large-current ground traces, the two ground traces should be routed separately but
connected to a single ground at the reference point of the application board to avoid fluctuations in the small-signal
ground caused by large currents. Also ensure that the ground traces of external components do not cause variations
on the ground voltage. The ground lines must be as short and thick as possible to reduce line impedance.
5.
Thermal Consideration
Should by any chance the power dissipation rating be exceeded the rise in temperature of the chip may result in
deterioration of the properties of the chip. The absolute maximum rating of the Pd stated in this specification is when
the IC is mounted on a 70mm x 70mm x 1.6mm glass epoxy board. In case of exceeding this absolute maximum rating,
increase the board size and copper area to prevent exceeding the Pd rating.
6.
Recommended Operating Conditions
These conditions represent a range within which the expected characteristics of the IC can be approximately obtained.
The electrical characteristics are guaranteed under the conditions of each parameter.
7.
Inrush Current
When power is first supplied to the IC, it is possible that the internal logic may be unstable and inrush current may flow
instantaneously due to the internal powering sequence and delays, especially if the IC has more than one power supply.
Therefore, give special consideration to power coupling capacitance, power wiring, width of ground wiring, and routing
of connections.
8.
Operation Under Strong Electromagnetic Field
Operating the IC in the presence of a strong electromagnetic field may cause the IC to malfunction.
9.
Testing on Application Boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance output pin may subject
the IC to stress. Always discharge capacitors completely after each process or step. The IC’s power supply should
always be turned off completely before connecting or removing it from the test setup during the inspection process. To
prevent damage from static discharge, ground the IC during assembly and use similar precautions during transport and
storage.
10. Inter-pin Short and Mounting Errors
Ensure that the direction and position are correct when mounting the IC on the PCB. Incorrect mounting may result in
damaging the IC. Avoid nearby pins being shorted to each other especially to ground, power supply and output pin.
Inter-pin shorts could be due to many reasons such as metal particles, water droplets (in very humid environment) and
unintentional solder bridge deposited in between pins during assembly to name a few.


Número de pieza similar - BU2JTH5WNVX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
More results

Descripción similar - BU2JTH5WNVX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com