Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7230G Datasheet(PDF) 4 Page - Rohm

No. de pieza BU7230G
Descripción Electrónicos  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7230G Datasheet(HTML) 4 Page - Rohm

  BU7230G Datasheet HTML 1Page - Rohm BU7230G Datasheet HTML 2Page - Rohm BU7230G Datasheet HTML 3Page - Rohm BU7230G Datasheet HTML 4Page - Rohm BU7230G Datasheet HTML 5Page - Rohm BU7230G Datasheet HTML 6Page - Rohm BU7230G Datasheet HTML 7Page - Rohm BU7230G Datasheet HTML 8Page - Rohm BU7230G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Electrical Characteristics - continued
○BU7233F, BU7233SF(Unless otherwise specified VDD=+3V, VSS=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 9)
VIO
25°C
-
1
11
mV
-
Input Offset Current
(Note 9)
IIO
25°C
-
1
-
pA
-
Input Bias Current
(Note 9)
IB
25°C
-
1
-
pA
-
Supply Current
(Note 10)
IDD
25°C
-
10
25
μA
RL=∞
All Comparators
Full Range
-
-
50
Maximum Output Voltage(High)
VOH
25°C
VDD-0.1
-
-
V
RL=10kΩ, VRL=3V
Maximum Output Voltage(Low)
VOL
25°C
-
-
VSS+0.1
V
RL=10kΩ
Large Signal Voltage Gain
AV
25°C
-
90
-
dB
RL=10kΩ
Input Common-mode
Voltage Range
VICM
25°C
0
-
3
V
VSS to VDD
Common-mode Rejection Ratio
CMRR
25°C
-
80
-
dB
-
Power Supply Rejection Ratio
PSRR
25°C
-
80
-
dB
-
Output Sink Current
(Note 11)
ISINK
25°C
3
6
-
mA
OUT=VSS+0.4V
Output Fall Time
tF
25°C
-
20
-
ns
RL=10kΩ
VRL=3V
CL=15pF
IN-=1.5V
100mV Overdrive
Propagation Delay Time L to H
tPLH
25°C
-
1.8
-
µs
Propagation Delay Time H to L
tPHL
25°C
-
0.6
-
µs
(Note 9) Absolute value
(Note 10) Full range:
BU7233F: TA=-40°C to +85°C
BU7233SF: TA=-40°C to +105°C
(Note 11) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Número de pieza similar - BU7230G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7231F-E2 ROHM-BU7231F-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7231F-TR ROHM-BU7231F-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7231FVM-E2 ROHM-BU7231FVM-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7231FVM-TR ROHM-BU7231FVM-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7231G ROHM-BU7231G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
More results

Descripción similar - BU7230G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7250G ROHM-BU7250G Datasheet
635Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7233YF-C ROHM-BU7233YF-C Datasheet
1Mb / 22P
   Input Full Swing Open Drain Output Low Supply Current CMOS Comparators
BU5255HFV ROHM-BU5255HFV Datasheet
494Kb / 21P
   Input Full Swing, Push-pull Output Low Supply Current CMOS Comparators
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU5265HFV ROHM-BU5265HFV Datasheet
477Kb / 20P
   Input Full Swing, Push-pull Output CMOS Comparators
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com