Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU99022NUX-3TR Datasheet(PDF) 6 Page - Rohm

No. de pieza BU99022NUX-3TR
Descripción Electrónicos  I2C BUS 2kbit 2kbit 2ports serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU99022NUX-3TR Datasheet(HTML) 6 Page - Rohm

Back Button BU99022NUX-3TR Datasheet HTML 2Page - Rohm BU99022NUX-3TR Datasheet HTML 3Page - Rohm BU99022NUX-3TR Datasheet HTML 4Page - Rohm BU99022NUX-3TR Datasheet HTML 5Page - Rohm BU99022NUX-3TR Datasheet HTML 6Page - Rohm BU99022NUX-3TR Datasheet HTML 7Page - Rohm BU99022NUX-3TR Datasheet HTML 8Page - Rohm BU99022NUX-3TR Datasheet HTML 9Page - Rohm BU99022NUX-3TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/23
www.rohm.com
TSZ02201-0R2R0G100010-1-2
2011.12.19
Rev.001
© 2011 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
BU99022NUX-3
Datasheet
●Characteristic data (The following values are Typ. ones.)
0
0.5
1
1.5
2
2.5
01
234
5
6
SUPPLY VOLTAGE : Vcc(V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0123456
SUPPLY VOLTAGE : Vcc(V)
0
0.2
0.4
0.6
0.8
1
1.2
01
234
56
SUPPLYVOLTAGE : Vcc(V)
0
0.2
0.4
0.6
0.8
1
1.2
01
23
4
5
6
SUPPLY VOLTAGE : Vcc(V)
Fig.9 Input leak current ILI
(SCL1,SCL2,SDA1,SDA2,WP2)
Fig.10 Output leak current ILO
(SDA1,SDA2)
Fig.11 Current consumption at WRITE operation ICC1
(fscl=400kHz )
Fig.12 Current consumption at READ operation ICC2
(fscl=400kHz BR24T01/02/04/08/16/32/64/128/256-W)
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
SPEC
SPEC
SPEC
(fscl=400kHz)


Número de pieza similar - BU99022NUX-3TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9910KV ROHM-BU9910KV Datasheet
135Kb / 15P
   Status display LCD driver for PCs with I2C Bus interface
BU9929FV ROHM-BU9929FV Datasheet
155Kb / 12P
   I2C BUS interface, general purpose I/O ports with condition watching function
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
BU9969KN ROHM-BU9969KN Datasheet
415Kb / 14P
   Video bus interface
BU9969KN-E2 ROHM-BU9969KN-E2 Datasheet
415Kb / 14P
   Video bus interface
More results

Descripción similar - BU99022NUX-3TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-CMOS Corporation
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
logo
Asahi Kasei Microsystem...
AK6003A AKM-AK6003A Datasheet
148Kb / 17P
   SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM
logo
STMicroelectronics
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
logo
Rohm
BR34L02-W ROHM-BR34L02-W Datasheet
1Mb / 17P
   2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module
logo
Asahi Kasei Microsystem...
AK93C41A AKM-AK93C41A Datasheet
123Kb / 12P
   0.9V operation 1K / 2Kbit Serial CMOS EEPROM
logo
Rohm
BR93H56-W ROHM-BR93H56-W Datasheet
257Kb / 6P
   Microwire Bus 2Kbit (128 x 16bit) EEPROM
BR24L02-W ROHM-BR24L02-W Datasheet
315Kb / 6P
   IC BUS 2Kbit (256 x 8bit) EEPROM
BR25L020-W ROHM-BR25L020-W Datasheet
335Kb / 6P
   SPI BUS 2Kbit (256 x 8bit) EEPROM
BR93L56-W ROHM-BR93L56-W Datasheet
338Kb / 6P
   Microwire BUS 2Kbit(128 x 16bit) EEPROM
BR93A56-W ROHM-BR93A56-W Datasheet
254Kb / 6P
   Microwire BUS 2Kbit(128 x 16bit) EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com