Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD37033FVME2 Datasheet(PDF) 9 Page - Rohm

No. de pieza BD37033FVME2
Descripción Electrónicos  Sound Processors for Car Audio
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD37033FVME2 Datasheet(HTML) 9 Page - Rohm

Back Button BD37033FVME2 Datasheet HTML 5Page - Rohm BD37033FVME2 Datasheet HTML 6Page - Rohm BD37033FVME2 Datasheet HTML 7Page - Rohm BD37033FVME2 Datasheet HTML 8Page - Rohm BD37033FVME2 Datasheet HTML 9Page - Rohm BD37033FVME2 Datasheet HTML 10Page - Rohm BD37033FVME2 Datasheet HTML 11Page - Rohm BD37033FVME2 Datasheet HTML 12Page - Rohm BD37033FVME2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9/38
Datasheet
BD37033FV-M
TSZ02201-0C2C0E100000-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
3.NOV.2013 Rev.002
www.rohm.com
TSZ22111
・15・001
I
2C BUS CONTROL SIGNAL SPECIFICATION
(1) Electrical specifications and timing for bus lines and I/O stages
Figure 16. Definition of timing on the I
2C-bus
Table 1 Characteristics of the SDA and SCL bus lines for I
2C-bus devices(Ta=25
, VCC=8.5V)
Parameter
Symbol
Fast-mode I
2C-bus
Unit
Min.
Max.
1
SCL clock frequency
fSCL
0
400
kHz
2
Bus free time between a STOP and START condition
tBUF
1.3
µS
3
Hold time (repeated) START condition. After this period, the
first clock pulse is generated
tHD;STA
0.6
µS
4
LOW period of the SCL clock
tLOW
1.3
µS
5
HIGH period of the SCL clock
tHIGH
0.6
µS
6
Set-up time for a repeated START condition
tSU;STA
0.6
µS
7
Data hold time
tHD;DAT
0
µS
8
Data set-up time
tSU;DAT
100
ns
9
Set-up time for STOP condition
tSU;STO
0.6
µS
All values referred to VIH min. and VIL max. Levels (see Table 2).
Table 2 Characteristics of the SDA and SCL I/O stages for I
2C-bus devices
Parameter
Symbol
Fast-mode devices
Unit
Min.
Max.
10
LOW level input voltage
VIL
-0.3
1
V
11
HIGH level input voltage
VIH
2.3
5
V
12
Pulse width of spikes which must be suppressed by the input
filter.
tSP
0
50
ns
13
LOW level output voltage: at 3mA sink current
VOL1
0
0.4
V
14
Input current each I/O pin with an input voltage between 0.4V
and 4.5V
Ii
-10
10
µA
SDA
S
S CL
t
LOW
t
R
t
HD;DAT
P
t
HD;ST A
t
HIG H
t
BUF
t
F
t
SU;DAT
t
S U; STA
t
S U; STO
t
SP
t
HD;STA
Sr
P
Figure 17.
Command timing example in the
I2C data transmission


Número de pieza similar - BD37033FVME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD37034FVME2 ROHM-BD37034FVME2 Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
More results

Descripción similar - BD37033FVME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD3443FS ROHM-BD3443FS Datasheet
294Kb / 6P
   Silicon monolithic integrated circuit Sound processor for car audio
logo
Renesas Technology Corp
M62419FP RENESAS-M62419FP Datasheet
118Kb / 9P
   Sound Controller for Car Stereo
logo
Mitsubishi Electric Sem...
M62419FP MITSUBISHI-M62419FP Datasheet
57Kb / 6P
   SOUND CONTROLLER FOR CAR STEREO
logo
Rohm
BD37067FV-M ROHM-BD37067FV-M_16 Datasheet
2Mb / 38P
   Sound Processor for car audio built-in 2nd order post filter
BD37069FV-M ROHM-BD37069FV-M Datasheet
2Mb / 41P
   Sound Processor for Car Audio with Built-in High-Voltage Amplifier
BD3813KS ROHM-BD3813KS_1 Datasheet
439Kb / 18P
   5.1ch Sound Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com