Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD843B Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD843B
Descripción Electrónicos  34 MHz, CBFET Fast Settling Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD843B Datasheet(HTML) 3 Page - Analog Devices

  AD843B Datasheet HTML 1Page - Analog Devices AD843B Datasheet HTML 2Page - Analog Devices AD843B Datasheet HTML 3Page - Analog Devices AD843B Datasheet HTML 4Page - Analog Devices AD843B Datasheet HTML 5Page - Analog Devices AD843B Datasheet HTML 6Page - Analog Devices AD843B Datasheet HTML 7Page - Analog Devices AD843B Datasheet HTML 8Page - Analog Devices AD843B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD843
REV. D
–3–
NOTES
1Standard Military Drawings Available: 5962-9098001M2A (SE/883B), 5962-9098001MXA (SH/883B), 5962-9098001MPA (SQ/883B).
2Specifications are guaranteed after 5 minutes at T
A = +25°C.
3Full power bandwidth = Slew Rate/2
πV peak.
4All “S” grade T
MIN-TMAX specifications are tested with automatic test equipment at T A = –55°C and TA = +125°C.
Specifications subject to change without notice.
Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and
max specifications are guaranteed although only those shown in boldface are tested on all production units.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . 1.50 Watts
Cerdip Package . . . . . . . . . . . . . . . . . . . . . . . . . 1.35 Watts
12-Pin Header Package . . . . . . . . . . . . . . . . . . . 1.80 Watts
16-Pin SOIC Package . . . . . . . . . . . . . . . . . . . . 1.50 Watts
20-Pin LCC Package . . . . . . . . . . . . . . . . . . . . . . 1.00 Watt
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Storage Temperature Range (Q, H, E) . . . . –65
°C to +150°C
Operating Temperature Range
AD843J/R . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD843A/B . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD843S . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 V
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device
reliability.
28-Pin Plastic Package:
θ
JA = 100°C/Watt
8-Pin Cerdip Package:
θ
JA = 110°C/Watt
12-Pin Header Package:
θ
JA = 80°C/Watt
16-Pin SOIC Package:
θ
JA = 100°C/Watt
20-Pin LCC Package:
θ
JA = 150°C/Watt
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).


Número de pieza similar - AD843B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD843B AD-AD843B Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843BH AD-AD843BH Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843BQ AD-AD843BQ Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
More results

Descripción similar - AD843B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD843 AD-AD843 Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_15 Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_17 Datasheet
485Kb / 13P
   34 MHz, CBFET Fast Settling Op Amp
AD843JNZ AD-AD843JNZ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
5962-9098001MPA AD-5962-9098001MPA Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD845 AD-AD845_17 Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
AD845 AD-AD845 Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845 AD-AD845_15 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JRZ-16-REEL7 AD-AD845JRZ-16-REEL7 Datasheet
174Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JNZ AD-AD845JNZ Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com