Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1660 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADP1660
Descripción Electrónicos  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1660 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1660 Datasheet HTML 2Page - Analog Devices ADP1660 Datasheet HTML 3Page - Analog Devices ADP1660 Datasheet HTML 4Page - Analog Devices ADP1660 Datasheet HTML 5Page - Analog Devices ADP1660 Datasheet HTML 6Page - Analog Devices ADP1660 Datasheet HTML 7Page - Analog Devices ADP1660 Datasheet HTML 8Page - Analog Devices ADP1660 Datasheet HTML 9Page - Analog Devices ADP1660 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP1660
Data Sheet
Rev. 0 | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VIN, SDA, SCL, EN, GPIO, STROBE,
LED1, LED2, SW, VOUT to PGND
−0.3 V to +6 V
PGND to SGND
−0.3 V to +0.3 V
Ambient Temperature Range (TA)
−40°C to +85°C
Junction Temperature Range (TJ)
−40°C to +125°C
Storage Temperature
JEDEC J-STD-020
ESD
Human Body Model
±1000 V
Charged Device Model
±500 V
Machine Model
±150 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL DATA
The ADP1660 may be damaged if the junction temperature
(TJ) limits are exceeded. Monitoring ambient temperature (TA)
does not guarantee that TJ is within the specified temperature
limits. In applications with high power dissipation and poor PCB
thermal resistance, the maximum TA may need to be derated.
In applications with moderate power dissipation and low PCB
thermal resistance, the maximum TA can exceed the maximum
limit as long as TJ is within the specification limits.
The junction temperature (TJ) of the device is dependent on
the ambient temperature (TA), the power dissipation (PD) of the
device, and the junction-to-ambient thermal resistance (θJA) of
the package. Maximum TJ is calculated from TA and PD using
the following formula:
TJ = TA + (PD × θJA)
THERMAL RESISTANCE
The junction-to-ambient thermal resistance (θJA) of the package
is based on modeling and calculation using a 4-layer board. θJA
is highly dependent on the application and board layout. In
applications where high maximum power dissipation exists,
close attention to thermal board design is required.
The value of θJA may vary, depending on PCB material, layout,
and environmental conditions. The specified value of θJA is based
on a 4-layer, 4 inch × 3 inch, 2½ oz copper board, per JEDEC
standards. For more information, see the AN-617 Application
Note, Wafer Level Chip Scale Package.
In Table 5, θJA is specified for a device mounted on a JEDEC
2S2P PCB.
Table 5. Thermal Resistance
Package Type
θJA
Unit
12-Ball WLCSP
75
°C/W
ESD CAUTION


Número de pieza similar - ADP1660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP166 AD-ADP166 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-1.2-R7 AD-ADP166ACBZ-1.2-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-1.8-R7 AD-ADP166ACBZ-1.8-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-2.2-R7 AD-ADP166ACBZ-2.2-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-2.3-R7 AD-ADP166ACBZ-2.3-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
More results

Descripción similar - ADP1660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
   1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com