Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1660 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADP1660
Descripción Electrónicos  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1660 Datasheet(HTML) 1 Page - Analog Devices

  ADP1660 Datasheet HTML 1Page - Analog Devices ADP1660 Datasheet HTML 2Page - Analog Devices ADP1660 Datasheet HTML 3Page - Analog Devices ADP1660 Datasheet HTML 4Page - Analog Devices ADP1660 Datasheet HTML 5Page - Analog Devices ADP1660 Datasheet HTML 6Page - Analog Devices ADP1660 Datasheet HTML 7Page - Analog Devices ADP1660 Datasheet HTML 8Page - Analog Devices ADP1660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual 750 mA LED Flash Driver
with I2C-Compatible Interface
Data Sheet
ADP1660
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultracompact solution
Small, 2 mm × 1.7 mm, 12-ball WLCSP package
Smallest footprint, 1 mm height, 1 μH power inductor
LED current source for local LED grounding
Simplified routing to and from LEDs
Improved LED thermal dissipation
Synchronous 3 MHz PWM boost converter, no external diode
High efficiency: 90% peak
Reduces high levels of input battery current during flash
Limits battery current drain in torch mode
I2C programmable
Currents up to 750 mA in flash mode per LED
with ±7% accuracy for currents above 100 mA
Torch mode
Programmable dc battery current limit
Programmable flash timer up to 1600 ms
Low battery mode to reduce LED current automatically
Device control
I2C-compatible control registers
External STROBE and torch input pins
Transmitter mask (TxMASK) input
Safety features
Thermal overload protection
Inductor fault detection
LED short-circuit/open-circuit protection
APPLICATIONS
Camera-enabled cellular phones and smartphones
Digital still cameras, camcorders, and PDAs
FUNCTIONAL BLOCK DIAGRAM
ADP1660
10µF
1.0µH
INPUT VOLTAGE = 2.7V TO 5.0V
VOUT
PGND
SW
STROBE
10µF
LED1
LED2
EN
SGND
SCL
SDA
TORCH/
TxMASK
GPIO
UP TO
750mA
UP TO
750mA
VIN
Figure 1.
LED2
DIGITAL
INPUT/
OUTPUT
Li-ION+
PGND
C1
L1
INDUCTOR
LED1
C2
AREA = 16.4mm2
Figure 2. PCB Layout
GENERAL DESCRIPTION
The ADP1660 is a very compact, highly efficient, dual white LED
flash driver for high resolution camera phones that improves
picture and video quality in low light environments. The device
integrates a programmable 1.5 MHz or 3.0 MHz synchronous
inductive boost converter, an I2C-compatible interface, and two
750 mA current sources. The high switching frequency enables
the use of a tiny, 1 mm high, low cost, 1 μH power inductor, and
the parallel current sources permit LED cathode grounding for
thermally enhanced, low EMI, and compact layouts.
The LED driver maximizes efficiency over the entire battery voltage
range to maximize the input-power-to-LED-power conversion
and minimize battery current draw during flash events.
A programmable dc battery current limit safely maximizes
LED current for all LED forward voltage and battery voltage
conditions.
A TxMASK input enables fast reduction of the flash LED
currents and battery current during a power amplifier current
burst. The I2C-compatible interface can be used to program
timers and currents and to read back status bits for operation
monitoring and safety control.
The ADP1660 comes in a compact, 12-ball, 0.5 mm pitch
WLCSP package and operates within specification over the
full −40°C to +125°C junction temperature range.


Número de pieza similar - ADP1660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP166 AD-ADP166 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-1.2-R7 AD-ADP166ACBZ-1.2-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-1.8-R7 AD-ADP166ACBZ-1.8-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-2.2-R7 AD-ADP166ACBZ-2.2-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-2.3-R7 AD-ADP166ACBZ-2.3-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
More results

Descripción similar - ADP1660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
   1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com