Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
U16C20A Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd. |
|
U16C20A Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd. |
1 / 2 page MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS For capacitive load, derate current by 20%. Single phase, half wave, 60Hz, resistive or inductive load. Rating at 25 oC ambient temperature unless otherwise specified. NOTES : Features Low forward voltage drop Fast switching for high efficiency GPP High current capability Case: Heatsink TO-220AB High surge current capability Weight: 2.2 gram approximately Polarity: As marked on diode body method 208 Mounting position: Any Terminals: Solderable per MIL-STD-202 Mechanical Data Low reverse leakage current (1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. (3) Thermal Resistance junction to case. Epoxy: UL 94V-0 rate flame retardant TO-220AB Unit : inch (mm) ® U16C20A thru U16C60A Pb Free Plating Product U16C20A thru U16C60A 16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers © 2006 Thinki Semiconductor Co.,Ltd. http://www.thinkisemi.com/ Page 1/2 Application Pb -55 to + 150 SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR Trr CJ TJ, TSTG 140 200 400 280 600 420 600 16.0 10.0 175 0.98 35 250 90 2.2 UNIT V V V V A A uA uA o C pF oCW nS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Peak Forward Surge Current, 8.3ms single Maximum Instantaneous Forward Voltage Maximum DC Reverse Current @TJ=25 o C Typical junction Capacitance (Note 2) Operating Junction and Storage Current TC=100 o C Half sine-wave superimposed on rated load (JEDEC method) @ 8.0 A At Rated DC Blocking Voltage @TJ=125 o C Maximum Reverse Recovery Time (Note 1) Typical Thermal Resistance (Note 3) R JC Temperature Range 150 Positive Negative Doubler Common Cathode Case Case Case Common Anode Suffix "A" Suffix "D" Suffix "C" 200 400 1.3 1.7 Automotive Inverters and Solar Inverters Plating Power Supply,SMPS and UPS Car Audio Amplifiers and Sound Device Systems Rev.04/2014 .196(5.00) .054(1.39) .038(0.96) .419(10.66) .139(3.55) MIN .163(4.16) .045(1.15) .019(0.50) .025(0.65)MAX .1(2.54) .1(2.54) .387(9.85) Tandem Polarity U16C60C U16C60A U16C60D U16C40C U16C40A U16C40D U16C20C U16C20A U16C20D |
Número de pieza similar - U16C20A |
|
Descripción similar - U16C20A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |