Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R05-100B Datasheet(PDF) 1 Page - Recom International Power

No. de pieza R05-100B
Descripción Electrónicos  High Output Voltage DIP24 converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECOM [Recom International Power]
Página de inicio  http://www.recom-international.com
Logo RECOM - Recom International Power

R05-100B Datasheet(HTML) 1 Page - Recom International Power

  R05-100B Datasheet HTML 1Page - Recom International Power R05-100B Datasheet HTML 2Page - Recom International Power R05-100B Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications ( typical at 25°C, nominal input voltage, full load unless otherwise specified )
INNOLINE
DC/DC-Converter
with 3 year Warranty
Rxx-B
www.recom-power.com
I-56
REV: 0/2014
EN-60950-1 Certified
RoHS
2011/65/EU
6/6
5 Watt
Single
Output
High Output Voltage DIP24 converter
Improved Version of Rxx-100_150A Series
with higher efficiency and reduced ripple.
Input Voltage 5, 12, 15 or 24VDC
Adjustable Output Voltage up to 210VDC
Cascadeable for Output Voltages up to 420VDC
3kVDC Input/Output Isolation
Remote Voltage Programming by External
Voltage or Resistance
Continuous Short Circuit Protection
Ambient Temperature up to +85°C
Features
Regulated
Converters
Selection Guide
Input Voltage Range
5, 12, 15 or 24VDC
Rated Power
5V
25mA max. or 3 Watts max.
All others
50mA max. or 5 Watts max.
Output Voltage Adjustment Range
55..135 or 95..210VDC
Output Voltage Accuracy
±5% max
Line Voltage Regulation
0.5% max
Load Voltage Regulation
20% to 100% full load
0.5% max
Output Ripple and Noise
20MHz limited
60mVp-p typ.
Operating Frequency
200kHz typ.
Efficiency at Full Load
80 ~ 86% typ.
Isolation Voltage (tested for 1 second)
3000VDC min.
Isolation Capacitance
20pF typ.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous, Automatic Restart
Short Circuit Input Current
30mA typ.
Temperature Coefficient
±0.02%/°C
Operating Temperature Range
With derating
-40°C to +85°C
(free air convection)
Full Power
-40°C to +70°C
Storage Temperature Range
-50°C to +125°C
Case Material
Non-Conductive Black Plastic
Potting Material
Epoxy (UL94V-0)
MTBF (25°C)
Mil-Std 217F
1.4 x 10³ hours
Output Voltage Adjust
External Voltage
0 - 4VDC
External Resistor
0 - 5k
Ω
Internal Voltage Reference
Regulated 5V with 1k
Ω series resistor
EN General Safety
Report: SPCLVD 1207005
EN60950-1:2006 + A12:2011
Derating Graph
(Ambient Temperature)
125
75
50
25
0
100
Ambient Temperature Range (°C)
-40
-10 0
50 60
70
80 90 100
Natural Convection
60
85
Part
Input
Output
Max Output
Efficiency
Number
Range
Voltage Range
Current
at Full Load
DIP 24
(VDC)
(VDC)
(mA)
(%)
R05-100B
5 ( 4.5 – 6 )
+40...+120
25
77
R12-100B
12 ( 10 – 14 )
+55...+135
50
82
R15-100B
15 ( 14 – 17 )
+55...+135
50
82
R24-100B
24 ( 21 – 27 )
+55...+135
50
84
R12-150B
12 ( 10 – 14 )
+95...+210
50
82
R15-150B
15 ( 14 – 17 )
+95...+210
50
82
R24-150B
24 ( 21 – 27 )
+95...+210
50
84


Número de pieza similar - R05-100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ohmite Mfg. Co.
R05-1R OHMITE-R05-1R Datasheet
798Kb / 2P
   35 Watts TO-220 High Power Resistors
More results

Descripción similar - R05-100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdc power Technolog...
6MD-XD MICRODC-6MD-XD Datasheet
786Kb / 3P
   6W, FIXED INPUT ISOLATED REGULATED TWIN OUTPUT DIP24 DC-DC CONVERTER
logo
Recom International Pow...
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
REC3-050505DRWI RECOM-REC3-050505DRWI_07 Datasheet
68Kb / 2P
   3 Watt DIP24 Isolated Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
logo
Microdc power Technolog...
MA-XD-1W5 MICRODC-MA-XD-1W5 Datasheet
1Mb / 2P
   1000VDCIsolated 1.5WDual&single output DIP24 Converters
logo
Recom International Pow...
REC3-050505DRWI RECOM-REC3-050505DRWI Datasheet
85Kb / 2P
   3 Watt DIP24 Isolated Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
REC3-SDR RECOM-REC3-SDR Datasheet
93Kb / 2P
   Low Cost 3W converter in DIP24 Package
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com